Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705CT4GRS/D Datasheet(PDF) 113 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 152 page
background image
EPROM
Bootloader Mode
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
EPROM
113
MBE — Multiple Byte Program Enable
READ: Only in special modes, user mode returns a logic 0
WRITE: Only in special modes
1 = Enable the multibyte programming, two bytes at a time.
address bit 4 is don’t care so that the bytes with addresses 5 =
0 and 5 = 1 are both programmed.
0 = Normal programming
TS1 and TS0 — EPROM Test Select Bits
READ: Only in special modes, user mode returns a logic zero
WRITE: Only in special modes
LATCH — EPROM Latch Control
READ: Any time
WRITE: Any time
0 = EPROM address and data bus configured for normal reads
1 = EPROM address and data bus configured for programming.
Causes address and data bus to be latched when a write to
EPROM is done. EPROM cannot be read if LATCH = 1.
EPGM — EPROM Program Control
READ: Any time
WRITE: Cleared any time, set only if LATCH = 1
0 = Programming power switched off the EPROM array
1 = Programming power switched on to the EPROM array. If
LATCH = 0, then EPGM is cleared automatically. EPGM
cannot be set if LATCH is not set. LATCH and EPGM cannot
both be set on the same write.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com