Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CTF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2CTF
Description  Thin Film on Silicon 2CTF AC Terminator x18
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2CTF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2CTF Datasheet HTML 1Page - Bourns Electronic Solutions 2CTF Datasheet HTML 2Page - Bourns Electronic Solutions 2CTF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thin Film on Silicon 2CTF AC Terminator x18
Features
■ 18 RC terminators tied to a common
node
■ Stable thin-film-on-silicon technology
■ Ultra-miniature packages to JEDEC
standards
Applications
■ High-speed bus termination
■ Low power consumption
■ Ideal for space-constrained applications
General Information
The AC Terminator is used to provide termination for clock
and data lines where transmission line effects would
otherwise cause wave reflections or signal ringing. These
Silicon-based, Tantalum-Nitride resistors and capacitors
feature excellent stability, temperature coefficients and
tracking performance. This product series conforms to
JEDEC standards.
Package Schematic
24
23
12
22
3
21
4
20
5
18
7
17
8
16
9
15
10
14
11
19
6
13
12
Electrical Characteristics
Symbol
Minimum
Nominal
Maximum
Unit
Resistance Range
R
33
190
Ω
Resistor Tolerance
±10 %
Ω
Power Rating per Resistor @ 70 °C
0.1
Watt
Capacitor Range
C
33
180
pF
Capacitor Tolerance
±20 %
pF
Capacitor Breakdown Voltage
200
V
Operating Voltage
50
V
Environmental Characteristics
ESD
2 K
V
Operating Temperature
TJ
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C
Power Rating per Package @ 70 °C
1.0
Watt
Electrical & Environmental Characteristics
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - 2CTF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2CTF-R ADAM-TECH-2CTF-R Datasheet
66Kb / 1P
CRIMP CONTACT
More results

Similar Description - 2CTF

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
logo
Bourns Electronic Solut...
2DTG BOURNS-2DTG Datasheet
439Kb / 3P
Thin Film On Silicon 2DTG Super Terminator/Filter with Integrated ESD Array
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2CTA BOURNS-2CTA Datasheet
238Kb / 3P
Thin Film on Silicon 2CTA AC Terminator x 18
2CFB BOURNS-2CFB Datasheet
239Kb / 3P
Thin Film on Silicon 2CFB T-Filter
2CFA BOURNS-2CFA Datasheet
235Kb / 3P
Thin Film on Silicon 2CFA Tapped RC Filter
2QSP16-TJ1-472LF BOURNS-2QSP16-TJ1-472LF Datasheet
347Kb / 4P
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
2QSP20-TJ3-221331LF BOURNS-2QSP20-TJ3-221331LF Datasheet
355Kb / 4P
Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
2CTE-V01M-Q20R BOURNS-2CTE-V01M-Q20R Datasheet
243Kb / 3P
Thin Film on Silicon 2CTE IEEE 1284 Terminator
2CTA BOURNS-2CTA_07 Datasheet
239Kb / 3P
Thin Film on Silicon 2CTA AC Terminator x 18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com