Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CTF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2CTF
Description  Thin Film on Silicon 2CTF AC Terminator x18
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2CTF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2CTF Datasheet HTML 1Page - Bourns Electronic Solutions 2CTF Datasheet HTML 2Page - Bourns Electronic Solutions 2CTF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CTF AC Terminator x18
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13 ” reel
per tube
QSOP
24 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
COPYRIGHT© 2003, BOURNS, INC. LITHO IN U.S.A. REV. 5/03 e/IPA0301
05/03
A0
B0
K0
DIMENSIONS = MM (INCHES)
How To Order
2 CTF-V02 M-Q 24 R
Product Class
Thin-Film-on-Silicon
Product Function
CTF = AC Terminator
Value Code
(Refer to Standard RC Value Table)
Standard Grade
R Tol.
C Tol.
M = ±10 % ±20 %
Standard Package Style
Q = QSOP
Pin Count
Q = 24
Dispensing
R = Reel
T = Tube
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
North America:
Tel: +1-909 781-5500 • Fax: +1-909 781-5700
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
(after 7/17/04)
www.bourns.com
Reliable Electronic Solutions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com