Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2QSP28-RJ1-472LF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2QSP28-RJ1-472LF
Description  Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2QSP28-RJ1-472LF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2QSP28-RJ1-472LF Datasheet HTML 1Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 2Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 3Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
AMBIENT TEMPERATURE ( C )
°
1.0
1.25
.75
.50
.25
2QSP16
2QSP20, 2QSP24
2QSP28
0
50
75
100
125
150
25
AMBIENT TEMPERATURE ( C )
°
1.0
.8
.6
.4
.2
0
75
100
125
150
25
50
2NBS14, 2NBS16
2NBS08
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
QSOP Package Power Temperature Derating Curve
Schematic
Narrow-Body SOIC Package Power Temperature Derating Curve
Standard Resistance Values
Resistance
Resistance
(ohms)
Code
10
100
22
220
33
330
39
390
47
470
51
510
68
680
120
121
220
221
270
271
330
331
470
471
510
511
680
681
1 K
102
2.2 K
222
4.7 K
472
5 K
502
8.2 K
822
10 K
103
18 K
183
20 K
203
47 K
473
50 K
503
100 K
104
Typical Part Marking
Represents total content. Layout may vary.
GRADE
PIN COUNT
1-102
QSP16J
YYWW
MODEL
CIRCUIT
RESISTANCE
CODE
DATE CODE
MANUFACTURER'S
TRADEMARK
PIN 1 INDICATOR
(MOLDED INDENT)
R1
R2
R3
R4
R6
R7
R10
R12
R14
8 PIN
14 PIN
16 PIN
20 PIN
24 PIN
28 PIN
R5
R8
R9
R11
R13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com