Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2QSP28-RJ1-472LF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 2QSP28-RJ1-472LF
Description  Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2QSP28-RJ1-472LF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  2QSP28-RJ1-472LF Datasheet HTML 1Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 2Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 3Page - Bourns Electronic Solutions 2QSP28-RJ1-472LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13 ” reel
per tube
QSOP
16 Pin
6.4 (0.252)
5.2 (0.205)
2.1 (0.083)
12 (0.472)
8 (0.315)
3,500
98
20, 24 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
28 Pin
6.5 (0.256)
10.3 (0.406)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
49
NBSOIC
8 Pin
6.4 (0.252)
9.0 (0.354)
2.1 (0.083)
12 (0.472)
8 (0.315)
3,500
98
14 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
16 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
49
How To Order
2 QSP 16 - T J 1 - 472 __
Product Class
Thin-Film-on-Silicon
Standard Package Style
QSP = QSOP
NBS = Narrow-Body SOIC
Pin Count
QSP =
16, 20, 24, 28
NBS =
8, 14, 16
Dispensing
R = Reel
T = Tube
Standard Grade
Tolerance
J =
±5 %
G =
±2 %
F =
±1 %
Circuit
1 =
Isolated
Resistance Value Code
1st two digits are significant,
3rd digit = number of zeros to follow to give resistance value in ohms.
Terminations
LF = 100 % Sn (lead free)
Blank = Sn/Pb
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
04/05
A0
B0
K0
DIMENSIONS = MM (INCHES)
Reliable Electronic Solutions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com