Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT23105 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PT23105
Description  ISDN S-Interface Isolation Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT23105 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT23105 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PT231 Series - ISDN S-Interface Isolation Transformers
Features
■
Designed for isolation between line card
and terminal
■
Meets CCITT 1.430 when chip pairs and
transformers are used
■
Low leakage inductance
■
2.0 kVrms HIPOT PRI/SEC
■
60 dB min. longitudinal balance 10 kHz to
300 kHz
■
Weight - 4 g
■
Operating temperature 0 °C to +70 °C
■
Lead free version available (see How to
Order)
■
Lead free versions are RoHS compliant*
Applications
■
Telecom
Electrical Specifications @ 25 °C
Primary
Turns
Primary
Leakage
Pri/Sec
Part
Ratio
Inductance
Inductance
Cw/w
Pri DCR
Sec DCR
Package
Number
(±2 %)
(mH min.)
(µH max.)
(pF max.)
(Ω±15 %)
(Ω±15 %)
Schematic
PT23101
1:1
28
5
130
2.4
2.4
A
PT23102
1:1.8
28
10
120
2.4
4.5*
B
PT23103
1:2
28
10
120
2.5
4.8
A
PT23104
1:2.5
28
12
125
2.5
5.5*
B
PT23105
1:2
28
35
120
2.5
4.5
A
PT73455
1:1
28
5
130
2.4
2.4
C
*SPLIT WINDINGS IN SERIES
Product Dimensions
Electrical Schematic
14.0
(.551)
1
2
3
6
5
4
MAX.
14.0
(.551)
MAX.
10.2
(.401)
MAX.
0.72
(.028)
MAX.
0.6
(.023)
DIA.
3.0
(.118)
MIN.
10.2
(.401)
10.2
(.401)
Pri
1
2
3
6
5
4
Sec
A
Pri
1
3
6
4
Sec
C
Pri
1
2
3
7
6
5
4
Sec
B
5.1
(.200)
10.2
(.401)
10.2
(.401)
2.54
(.100)
2.54
(.100)
5.1
(.200)
10.2
(.401)
10.2
(.401)
DIMENSIONS ARE:
MM
(INCHES)
Packaging Specifications
Tube ....................................36 pcs./tube
03/04
How to Order
PT2310x or PT73455 __
Model
Termination
Blank = Tin-lead
L = Tin only (lead free)


Similar Part No. - PT23105

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2310 PTC-PT2310 Datasheet
339Kb / 16P
Volume Controller IC
PT2310-S PTC-PT2310-S Datasheet
339Kb / 16P
Volume Controller IC
PT2310-SL PTC-PT2310-SL Datasheet
339Kb / 16P
Volume Controller IC
PT2310L PTC-PT2310L Datasheet
339Kb / 16P
Volume Controller IC
More results

Similar Description - PT23105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
ISDN S -Interface Transformers
logo
Bourns Electronic Solut...
PT234 BOURNS-PT234 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
ISDN S-Interface Transformers
3/24/94
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
ISDN S-Interface Transformers
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS42 PMI-PM-IS42 Datasheet
54Kb / 1P
ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA1155-17 PCA-EPA1155-17 Datasheet
44Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
EPA1155-6 PCA-EPA1155-6 Datasheet
48Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
ISDN-S Interface Transformers
EPA1155-1 PCA-EPA1155-1 Datasheet
44Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com