Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX009U-A5-0 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RX009U-A5-0
Description  Telecom PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX009U-A5-0 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RX009U-A5-0 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
Physical Characteristics
Model
Max.
Max.
Nom.
Min.
Max.
Lead Dia.
Style
Material
MF-RX012/250
6.5
11.0
5.1 ± 0.7
4.7
4.6
0.65
1
Sn/Cu
(0.256)
(0.433)
(0.201 ± 0.028)
(0.185)
(0.181)
(0.026)
MF-RX012/250U
6.0
10.0
5.1 ± 0.7
4.7
3.8
0.65
1
Sn/Cu
(0.236)
(0.394)
(0.201 ± 0.028)
(0.185)
(0.150)
(0.026)
MF-RX014/250
6.5
11.0
5.1 ± 0.7
4.7
4.6
0.65
1
Sn/Cu
(0.256)
(0.433)
(0.201 ± 0.028)
(0.185)
(0.181)
(0.026)
MF-RX014/250U
6.0
10.0
5.1 ± 0.7
4.7
3.8
0.65
1
Sn/Cu
(0.236)
(0.394)
(0.201 ± 0.028)
(0.185)
(0.150)
(0.026)
MF-RX018/250
11.0
13.6
5.1 ± 0.7
4.7
4.6
0.65
1
Sn/Cu
(0.433)
(0.535)
(0.201 ± 0.028)
(0.185)
(0.181)
(0.026)
MF-RX018/250U
10.4
12.6
5.1 ± 0.7
4.7
3.8
0.65
1
Sn/Cu
(0.409)
(0.496)
(0.201 ± 0.028)
(0.185)
(0.150)
(0.026)
MF-RX018/250F
9.0
12.5
5.1 ± 0.7
4.7
3.8
0.65
2
Sn/Cu
(0.354)
(0.492)
(0.201 ± 0.028)
(0.185)
(0.150)
(0.026)
Product Dimensions
Packaging options:
BULK: 500 pcs. per bag.
TAPE & REEL: 1500 pcs. per reel (available binned).
MF-RX/250 Series - Telecom PTC Resettable Fuses
MM
(INCHES)
DIMENSIONS =
C
D
D
B
B
E
E
A
A
C
Style 1
Style 2
Typical Part Marking
Represents total content. Layout may vary.
MF-RX012/250 ~ MF-RX018/250:
RX012
24001K
MANUFACTURER'S
TRADEMARK
NOTE: UNCOATED PARTS HAVE NO PART MARKING.
MARKING IS ON LABEL ONLY.
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
SECOND DIGIT = MONTH,
AS FOLLOWS:
1-9 = JAN-SEPT
X,Y,Z = OCT-DEC)
BATCH/LOCATION
(3 DIGITS = BATCH CODE;
K = KOREA
S = CHINA)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thermal Derating Chart - Ihold (Amps)
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-RX012/250
0.186
0.165
0.143
0.120
0.099
0.088
0.077
0.066
0.050
MF-RX014/250
0.225
0.199
0.172
0.145
0.119
0.106
0.093
0.080
0.060
MF-RX018/250
0.269
0.240
0.211
0.180
0.153
0.138
0.123
0.109
0.087
MF-RX018/250F
0.279
0.247
0.213
0.180
0.147
0.131
0.115
0.099
0.074
Itrip is approximately two times Ihold.
Additional Features
■
Ability to withstand AC power cross conditions
■
Assists equipment with meeting ITU-T K.20/K.21/K.45
■
Assists equipment with meeting Telcordia GR-1089-C Intrabuilding
RX018F
5220S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
MANUFACTURING
CODE
(S = CHINA)
MF-RX018/250F:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com