Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX009U-A5-0 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-RX009U-A5-0
Description  Telecom PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX009U-A5-0 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-RX009U-A5-0 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX009U-A5-0 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Devices taped using EIA468–B/IEC286-2 standards. See table below and Figures 1 and 2 for details.
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Carrier tape width
WW
Hold down tape width:
W0
W4
min.
Hold down tape
No protrusion
Top distance between tape edges
W2
W6
max.
Sprocket hole position
W1
W5
Sprocket hole diameter
D0
D0
Abscissa to plane (straight lead)
HH
Abscissa to plane (kinked lead)
H0
H0
Abscissa to top (straight lead)
H1
H1
max.
Abscissa to top (kinked lead)
H1
H1
max.
Overall width w/lead protrusion (straight lead)
C1
max.
Overall width w/lead protrusion (kinked lead)
C1
max.
Overall width w/o lead protrusion (straight lead)
C2
max.
Overall width w/o lead protrusion (kinked lead)
C2
max.
Lead protrusion
I1
L1
max.
Protrusion of cutout
LL
max.
Protrusion beyond hold tape
I2
I2
Not specified
Sprocket hole pitch
P0
P0
Pitch tolerance
20 consecutive
Device pitch: MF-R005–MF-R160, MF-R/90,
MF-RX110/72–MF-RX185/72, MF-R/72
Device pitch: MF-R185–MF-R400, MF-RX110–MF-RX375
MF-R/600, MF-RX250/72–MF-RX375/72
Tape thickness
tt
max.
Tape thickness with splice: MF-R010–MF-R160,
t1
max.
MF-R/72, MF-RX110/72–MF-RX185/72,
Tape thickness with splice: MF-R250–MF-R1100
MF-RX110–MF-RX375, MF-R/90, MF-RX250/72–MF-RX375/72
t1
max.
Splice sprocket hole alignment
0
Body lateral deviation
∆h
∆h
0
Body tape plane deviation
∆p
∆p
0
Lead spacing
FF
Reel width
wW2
max.
Reel diameter
da
max.
Space between flanges less device
W1
h
MF-R, MF-R/72, MF-R/90, MF-R/600, MF-RX, MF-RX/72 & MF-RX/250 Series
Tape and Reel Specifications
18
(.709)
-0.5/+1.0
(-0.02/+.039)
9
(.354)
-0.5/+0.75
(-0.02/+0.03)
4
(.157)
±0.2
(±.0078)
18.5
(.728)
±3.0
(±.118)
16
(.63)
32.2
(1.268)
38.0
(1.496)
43.2
(1.7)
55.0
(2.165)
42.5
(1.673)
54.0
(2.126)
1.0
(.039)
11
(.433)
±0.5
(±.02)
12.7
(0.5)
12.7
(0.5)
25.4
(1.0)
0.9
(.035)
1.5
(.059)
2.3
(.091)
5.08
(0.2)
56
(2.205)
370
(14.57)
±0.3
(±.012)
±1
(±.039)
±0.3
(±.012)
±0.6
(±.024)
±0.3
(±.012)
±1.0
(±.039)
±1.3
(±.051)
±0.2
(±.008)
4.75
(.187)
±3.25
(±.128)
11
(.433)
3
(.118)
DIMENSIONS =
MM
(INCHES)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com