Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 165 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 165 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 167Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 169Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 180 page
background image
Electrical Specifications
Functional Operating Range
General Release Specification
Electrical Specifications
14.4 Functional Operating Range
14.5 Thermal Characteristics
Table 14-2. Operating Range
Characteristic
Symbol
Value
Unit
Operating Temperature Range
MC68HC705MC4P, DW, S (Standard)
MC68HC705MC4CP, CDW, CS (Extended)
MC68HC705MC4VP, VDW, VS (Automotive)
MC68HC705MC4MP, MDW, MS(Automotive)
TA
TL to TH
0 to 70
–40 to 85
–40 to 105
–40 to 125
°C
Operating Voltage Range
VDD
5.0
± 10%
V
Table 14-3. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance
Plastic (28 Pin)
SOIC (28 Pin)
θ
JA
60
60
°C/W
I/O Pin Power Dissipation
PI/O
User Determined
W
Power Dissipation(1)
PD
PD = (IDD x VDD) + PI/O =
K/(TJ + 273 °C)
W
Constant(2)
K
PD x(TA + 273 °C)
+ PD
2 x
θ
JA
W/
°C
Average Junction Temperature
TJ
TA + (PD x θJA)
°C
Maximum Junction Temperature
TJM
125
°C
NOTES:
1. Power dissipation is a function of temperature.
2. K is a constant unique to the device. K can be determined for a known TA and
measured PD. With this value of K, PD and TJ can be determined for any value of TA.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com