Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 166 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 166 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 164Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 165Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 166Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 167Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 168Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 169Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 170Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 180 page
background image
Electrical Specifications
MC68HC705MC4 — Rev. 2.0
Electrical Specifications
14.6 DC Electrical Characteristics
Table 14-4. DC Electrical Characteristics (VDD = 5.0 Vdc ± 10%)
(1)
Characteristic
Symbol
Min
Typ(2)
Max
Unit
Output High Voltage (ILoad= 10.0 µA)
VOH
VDD –0.1
—
—
V
Output Low Voltage (ILoad = 10.0 µA)
VOL
—
—
0.1
V
Output High Voltage
(ILoad = –0.8 mA) PB4–PB7, PC0–PC7, PD6/TCMP
(ILoad = –10.0 mA) PA0–PA7
(Max Total ILoad = 20 mA)
VOH
VDD –0.8
VDD –2.0
—
—
—
—
V
Output Low Voltage
(ILoad = 1.6 mA) PA0–PA7, PB4– PB6, PC0–PC7,
PD6/TCMP, RESET
(ILoad = 10.0 mA) PB7
VOL
—
—
—
—
0.4
1.0
V
Input High Voltage
PA0–PA7, PB4–PB7, PC0–PC7, PD6, TCAP/PD7,
IRQ, RESET, OSC1
VIH
0.7 x VDD
—VDD
V
Input Low Voltage
PA0–PA7, PB4–PB7, PC0–PC7, PD6, TCAP/PD7,
IRQ, RESET, OSC1
VIL
VSS
—
0.2 x VDD
V
VDD Supply Current (see Notes)
Run
Wait with A/D On
Wait with A/D Off
Quiescent
25
°C
0 to 70
°C (Standard)
–40 to 85
°C (Extended)
–40 to 105
°C (Automotive)
–40 to 125
°C (Automotive)
IDD
—
—
—
—
—
—
—
—
7.0
2.5
1.8
8
8
12
18
25
8.5
3.3
3.0
50
50
50
50
50
mA
mA
mA
µA
µA
µA
µA
µA
I/O Ports Hi-Z Leakage Current
PA0–PA7, PB4–PB7, PC0–PC7, PD6/TCAP/TCMP
IIL
——
± 10
µA
A/D Ports Hi-Z Leakage Current
PC0–PC5
IIL
——
± 1
µA
Input Current
, RESET, IRQ, OSC1, PD7/TCAP2
IIN
——
± 1
µA
Capacitance
Ports (as Input or Output)
RESET, IRQ
COUT
CIN
—
—
—
—
12
8
pF
Input Injection Current, PA7
IINJ
——
± 100
µA
NOTES:
1. VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 to 125°C, with 6-MHz crystal, unless otherwise noted.
2. All values reflect average measurements at midpoint of voltage range, 25
°C only.
3. Wait IDD: Only timer system active, unless otherwise noted
4. Run (operating) IDD, Wait IDD: measured using external square wave clock source (fosc = 6.0 MHz). All inputs 0.2 V
from rail. No dc loads. Less than 50 pF on all outputs. CL = 20 pF on OSC2.
5. Wait, quiescent IDD: All ports configured as inputs, VIL = 0.2 V, VIH = VDD –0.2 V
6. Wait IDD is affected linearly by the OSC2 capacitance
7. Run IDD measured with PWM, A/D, and SCI systems active
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com