Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 103 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 180 page
background image
Pulse Width Modulator
PWM Control Registers
General Release Specification
Pulse Width Modulator
Figure 10-8. PWM Control Example
Refer to Table 10-2 for information on mapping the PWM channels to
Port A.
Table 10-2. Mapping of PWM Channels to Port A
PWM
Pin
Associated
PWM Control Bits
Corresponding
Port A I/O
A1
MSKA1 : CSA1 : DDRA1
PA1
A2
MSKA2 : CSA2 : DDRA3
PA3
A3
MSKA3 : CSA3 : DDRA5
PA5
B1
MSKB1 : CSB1 : DDRA2
PA2
B2
MSKB2 : CSB2 : DDRA4
PA4
B3
MSKB3 : CSB3 : DDRA6
PA6
PWM OUTPUT
PORT
PWM OUTPUT
LOGIC 1
PWM OUTPUT
PORT
PWM OUTPUT
PWM OUTPUT
LOGIC 1
LOGIC 0
PORT
PORT
LOGIC 0
PWM OUTPUT
PWM OUTPUT
001
010
011
100
101
CS[3:1]
ME
MSK[3:1]
PWM1
PWM2
PWM3
xxx
xxx
0xx
x11
x0x
X = DON’T CARE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com