Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 104 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 180 page
background image
Pulse Width Modulator
MC68HC705MC4 — Rev. 2.0
Pulse Width Modulator
10.4.2 RATE Register
The RATE register, shown in Figure 10-9, selects the 8-bit PWM
counter input clock. The PWM output rate select bits (Rx[3:0]) for each
channel allow for 16 different PWM duty cycles.
The PWM output rate select register selects the 8-bit PWM counter input
clock. Table 10-3 provides a rate selection table for a 6-MHz crystal.
Address:
$0016
Bit 7
654321
Bit 0
Read:
RA3
RA2
RA1
RA0
RB3
RB2
RB1
RB0
Write:
Reset:
00000000
Figure 10-9. PWM Rate Register (RATE)
Table 10-3. PWM Rate Select Table for 6-MHz Crystal
Rx[3:0]
PWM Output Cycle
0
23.4 kHz
1
11.7 kHz
2
5.86 kHz
3
2.93 kHz
4
1.46 kHz
5
732 Hz
6
366 Hz
7
183 Hz
8
15.6 kHz
9
7.8 kHz
A
3.9 kHz
B
1.95 kHz
C
975 Hz
D
488 Hz
E
244 Hz
F
122 Hz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com