Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 125 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 121Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 122Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 123Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 124Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 125Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 126Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 127Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 128Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 180 page
background image
Serial Communications Interface
SCI Operation
General Release Specification
Serial Communications Interface
Figure 11-3. SCI Receiver
T8
SCDR ($000E)
6
7
543210
BAUD RATE REGISTER (BAUD)
SCP0
SCR2
SCR1
SCR0
$000A
R8
SCI CONTROL REGISTER 1 (SCCR1)
M
WAKE
$000B
TCIE
TIE
SCI CONTROL REGISTER 2 (SCCR2)
RIE
ILIE
TE
RE
RWU
SBK
$000C
SCP1
TC
TDRE
SCI STATUS REGISTER (SCSR)
RDRF
IDLE
OR
NF
$000D
BIT 6
BIT 7
SCI DATA REGISTER (SCDR)
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
$000E
FE
0
RECEIVE SHIFT REGISTER
7 6 5 4 3 2 1 0
8
RDRF
IDLE
R8
RE
DDR
PIN BUFFER
AND CONTROL
INTERNAL DATA BUS
M
RIE
ILIE
SCI
TRANSMIT
REQUESTS
SCI
INTERRUPT
REQUEST
16X
BAUD RATE
CLOCK
DATA
RECOVERY
WAKEUP
LOGIC
÷ 16
FE
RWU
NF
OR
RIE
PB5/
RDI
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com