Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705MC4GRS/D Datasheet(PDF) 126 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 126 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 122Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 123Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 124Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 125Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 126Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 127Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 128Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 129Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 130Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 180 page
background image
Serial Communications Interface
MC68HC705MC4 — Rev. 2.0
Serial Communications Interface
11.5.2.1 Character Length
The receiver can accommodate either 8-bit or 9-bit data. The state of the
M bit in SCI control register 1 (SCCR1) determines character length.
When receiving 9-bit data, bit R8 in SCCR1 is the ninth bit (bit 8).
11.5.2.2 Character Reception
During reception, the receive shift register shifts characters in from the
PB5/RDI (receive data input) pin. The SCI data register (SCDR) is the
read-only buffer between the internal data bus and the receive shift
register.
After a complete character shifts into the receive shift register, the data
portion of the character is transferred to the SCDR, setting the receive
data register full (RDRF) flag. The RDRF flag can be used to generate
an interrupt.
11.5.2.3 Receiver Wakeup
So that the MCU can ignore transmissions intended only for other
receivers in multiple-receiver systems, the MCU can be put into a
standby state. Setting the receiver wakeup enable (RWU) bit in SCI
control register 2 (SCCR2) puts the MCU into a standby state during
which receiver interrupts are disabled.
Either of two conditions on the PB5/RDI pin can bring the MCU out of the
standby state:
•
Idle input line condition — If the PB5/RDI pin is at logic 1 long
enough for 10 or 11 logic 1s to shift into the receive shift register,
receiver interrupts are again enabled.
•
Address mark — If a logic 1 occurs in the most significant bit
position of a received character, receiver interrupts are again
enabled.
The state of the WAKE bit in SCCR1 determines which of the two
conditions wakes up the MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com