Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST39 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BST39
Description  350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BST39 Datasheet(HTML) 4 Page - Diodes Incorporated

  BST39 Datasheet HTML 1Page - Diodes Incorporated BST39 Datasheet HTML 2Page - Diodes Incorporated BST39 Datasheet HTML 3Page - Diodes Incorporated BST39 Datasheet HTML 4Page - Diodes Incorporated BST39 Datasheet HTML 5Page - Diodes Incorporated BST39 Datasheet HTML 6Page - Diodes Incorporated BST39 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BST39
Document number: DS33021 Rev. 5 - 2
4 of 7
www.diodes.com
July 2014
© Diodes Incorporated
BST39
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
400
—
—
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Notes 11)
BVCEO
350
—
—
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
7
—
—
V
IE = 100µA
Collector Cutoff Current
ICBO
—
—
20
nA
VCB = 300V
DC Current transfer Static Ratio (Notes 11)
hFE
40
—
-
—
IC = 20mA, VCE = 10V
Collector-Emitter Saturation Voltage (Notes 11)
VCE(sat)
—
—
0.5
V
IC = 50mA, IB = 4mA
Base-Emitter Saturation Voltage (Notes 11)
VBE(sat)
—
—
1.3
V
IC = 50mA, IB = 4mA
Transitional Frequency (Notes 11)
fT
70
—
—
MHz
IC = 10mA, VCE = 10V,
f = 5MHz
Output Capacitance
Cobo
—
—
2
pF
VCB = 10V, f = 1MHz,
Input Capacitance
Cibo
—
—
20
pF
VEB = 10V, f = 1MHz,
Note:
11. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com