Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST39 Datasheet (PDF) - Diodes Incorporated

BST39 Datasheet PDF - Diodes Incorporated
Part # BST39
Download  BST39 Download
File Size   467.11 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89

BST39 Datasheet (PDF)

Go To PDF Page Download Datasheet
BST39 Datasheet PDF - Diodes Incorporated

Part # BST39
Download  BST39 Click to download

File Size   467.11 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89

BST39 Datasheet (HTML) - Diodes Incorporated


BST39 Product details

Features
• BVCEO > 350V
• IC = 0.5A High Continuous Current
• ICM = 1A Peak Pulse Current
• High HFE Hold Up
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BST39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 26
logo
Zetex Semiconductors
BST39 ZETEX-BST39 Datasheet
12Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
NPN High-Voltage Transistors
logo
NXP Semiconductors
BST39 NXP-BST39 Datasheet
102Kb / 6P
NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BST39 HTSEMI-BST39 Datasheet
346Kb / 1P
TRANSISTOR (NPN)
More results


Similar Description - BST39

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551Z ZETEX-ZXTN5551Z Datasheet
226Kb / 8P
160V, SOT89, NPN high voltage transistor
logo
Diodes Incorporated
ZXTN5551Z DIODES-ZXTN5551Z Datasheet
237Kb / 8P
160V, SOT89, NPN high voltage transistor
AUGUST 2007
ZXTN25012EZ DIODES-ZXTN25012EZ Datasheet
400Kb / 8P
12V NPN high gain transistor in SOT89
DECEMBER 2007
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
20V NPN high gain transistor in SOT89
JANUARY 2008
ZXTN25100DZ DIODES-ZXTN25100DZ Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
BST39 DIODES-BST39_15 Datasheet
467Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 5
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
160V NPN TRANSISTOR IN SOT89
Rev 3
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
FMMT6517 DIODES-FMMT6517_17 Datasheet
325Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com