Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70005SEHF/PROTO Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL70005SEHF/PROTO
Description  Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70005SEHF/PROTO Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL70005SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
ISL70005SEH, ISL73005SEH
3. Typical Performance Curves
R34DS0008EU0103 Rev.1.03
Page 21 of 45
Jul 28, 2022
Figure 42. LDO Constant Current Limit Threshold
Figure 43. LDO Load Regulation DDR3 Configuration
Figure 44. LDO Load Regulation DDR2 Configuration
Figure 45. LDO Load Regulation DDR Configuration
Figure 46. LDO Load Regulation Av = 2
Figure 47. LDO Load Regulation Av = 3
Unless otherwise noted, the test platform is the ISL70005SEHEV2Z where B_PVIN = B_VCC = L_VCC = 5V; L_VIN = 3V; B_OUT = 1.8V;
fSW = 1MHz; Buck CIN = 150µF tantalum + 2x1µF ceramic; Buck COUT = 150µF tantalum + 2x1µF ceramic; LOUT = 2.2µH; LDO CIN = 150µF
tantalum + 11µF ceramic; LDO COUT = 150µF tantalum +12µF ceramic; L_OUT = 1.2V; L_EA+ = VREF = 0.6V; TA = +25°C. (Continued)
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
LDO Current (A)
0.740
0.745
0.750
0.755
0.760
0.765
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
LDO Current (A)
L_VCC = B_VCC = 5V
L_VIN = 1.5V
L_EA+ = 0.75V
0.890
0.895
0.900
0.905
0.910
0.915
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
LDO Current (A)
L_VCC = B_VCC = 5V
L_VIN = 1.8V
L_EA+ = 0.9V
1.240
1.245
1.250
1.255
1.260
1.265
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
LDO Current (A)
L_VCC = B_VCC = 5V
L_VIN = 2.5V
L_EA+ = 1.25V
1.18
1.19
1.20
1.21
1.22
1.23
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Load Current (A)
L_VIN = 3V
L_VCC = B_VCC = 5V
L_EA+ = VREF
1% Resistor Divider
1.78
1.79
1.80
1.81
1.82
1.83
1.84
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Load Current (A)
L_VIN = 3V
L_VCC = B_VCC = 5V
L_EA+ = VREF
1% Resistor Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com