Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70005SEHF/PROTO Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL70005SEHF/PROTO
Description  Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70005SEHF/PROTO Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL70005SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 30Page - Renesas Technology Corp ISL70005SEHF/PROTO Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
ISL70005SEH, ISL73005SEH
4. Functional Description
R34DS0008EU0103 Rev.1.03
Page 27 of 45
Jul 28, 2022
does not complete soft-start. When the B_SS pin voltage reaches 1.6V, the soft-start capacitor is internally
discharged to 0V and begins a new soft-start cycle with no switching on B_LXx. This condition repeats until the
pre-bias output voltage is reduced below the target regulation voltage.
4.1.4
Switching Frequency with B_RT and B_SYNC
The buck regulator PWM switching frequency is set through the internal oscillator with an adjustable range of
100kHz to 1MHz. An external termination resistor, RT, from the B_RT pin to B_GND sets the oscillator frequency.
See “Switching Frequency Selection and External Sync for Buck Regulator” on page 31 for more information on
setting the RT resistor.
The switching frequency can also be synchronized to an external clock through the B_SYNC pin. During soft-start
the clock at B_SYNC is ignored and the PWM controller uses the internal oscillator for switching until the soft-start
voltage is above the internal 600mV reference voltage where it synchronizes to B_SYNC. The synchronization
frequency range is 100kHz to 1MHz. If external synchronization is not used, tie B_SYNC to GND.
4.1.5
Buck Power-Good
The B_PG power-good indicator is an open-drain logic output. On completion of soft-start and without a fault
condition on the buck regulator, the B_PG pin is high impedance. An external pull-up resistor to B_VCC is used
for logic high indicating the buck output is operating in regulation. The recommended range for the pull-up resistor
is 10kΩ to 100kΩ. Before soft-start completes or in a fault condition, the B_PG pin is actively pulled low to indicate
buck output is not operating in regulation. To mitigate SEE, bypass the B_PG pin to B_GND with a 1nF ceramic
capacitor.
4.1.6
Buck Integrated Power MOSFETs
The buck regulator integrates two synchronous operation MOSFETs for the power stage. The high-side MOSFET
is a PMOS and the low-side MOSFET is an NMOS. The MOSFETs are optimized for low rDS(ON) to provide
excellent efficiency over the 3A load current operating range.
4.1.7
Buck Error Amplifier Output
The B_COMP pin is the output of the error amplifier. The voltage on B_COMP determines the duty cycle at
B_LXx. For voltage mode control, a Type III compensation network must be connected between B_FB and
B_COMP to stabilize the feedback loop. See “Buck Feedback Compensation Design” on page 36 for the design
of the Type III compensator. The B_COMP pin analog range is from 100mV to 0.4*B_VCC that correlates to the
B_LXx duty cycle from minimum on-time to minimum off-time.
4.1.8
Buck Overcurrent Limiting
The buck regulator integrates cycle-by-cycle output overcurrent limiting. Peak inductor current is sensed on the
integrated high-side PMOS FET. If the high-side switch current exceeds the overcurrent threshold (5.3A typical),
the PMOS turns off and the low-side NMOS FET is turned on for the remainder of the switching cycle. After four
consecutive detections of cycle-by-cycle current limiting, the Buck regulator enters an overcurrent fault protection
mode as described in Buck Fault Protection. The minimum response time from the high-side PMOS turn-on to
overcurrent detection is determined by the B_LX minimum on-time specified in the Electrical Specification table
on page 10. The response time from overcurrent detection to the high-side PMOS turn-off is approximately 60ns.
See Figure 35 and Figure 36.
4.1.9
Buck Fault Protection
The buck regulator integrates output overvoltage detection, output undervoltage protection, overcurrent protection
and over-temperature protection. The fault response for output overvoltage only pulls the B_PG pin low to indicate
an overvoltage condition. After recovery from an overvoltage, the B_PG pin is released. The fault response for an
undervoltage or overcurrent condition pulls the B_PG pin low and starts a hiccup mode, after which a time delay
causes the controller to start a soft-start cycle. The hiccup mode continues indefinitely until the fault condition
recovers. If the soft-start completes with no fault condition, the B_PG pin is released. The fault response for an
over-temperature condition pulls the B_PG and B_SS pins low and disables switching on B_LXx. After recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com