Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70417SEHF/PROTO Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL70417SEHF/PROTO
Description  Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70417SEHF/PROTO Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL70417SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISL70417SEH
FN7962 Rev.5.00
Page 13 of 22
Oct 24, 2019
FIGURE 33. GAIN vs FREQUENCY vs CL
FIGURE 34. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 35. CROSSTALK, VS = ±15V
FIGURE 36. LARGE SIGNAL TRANSIENT RESPONSE vs RL VS = ±5V,
±15V
FIGURE 37. SLEW RATE vs TEMPERATURE VS = ±5V, ±15V
FIGURE 38. SMALL SIGNAL TRANSIENT RESPONSE, VS = ±5V, ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C, unless otherwise specified. (Continued)
FREQUENCY (Hz)
100k
1M
100M
10
10k
1k
100
-8
-6
-4
-2
0
2
4
6
8
10
12
VS = ±2.5V
RL = 10k
AV = +1
VOUT = 50mVP-P
CL = 0.01µF
CL = 270pF
CL = 47pF
CL = 1000pF
CL = 470pF
CL = 4pF
CL = 100pF
10M
FREQUENCY (Hz)
100k
1M
10M
10
10k
1k
100
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
CL = 4pF
RL = 10k
AV = +1
VOUT = 50mVP-P
VS = ±5V
VS = ±20V
VS = ±2.25V
VS = ±15V
0
20
40
60
80
100
120
140
160
180
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
RL-DRIVER CH. = OPEN
AV = +1
VSOURCE = 1VP-P
CL = 4pF
RL-RECEIVING CH. = 10k
TIME (µs)
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
2.4
0
102030
4050
60
7080
90
100
AV = +1
CL = 4pF
VOUT = 4VP-P
VS = ±5V, RL = 2k, 10k
VS = ±15V, RL = 2k, 10k
TEMPERATURE (°C)
-70
-50
-30
-10
10
30
50
70
90
110
130
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
SR+
SR-
RL = 2k, 10k
AV = 1
CL = 7pF
VOUT = 4VP-P
VS = ±5V, ±15V
TIME (µs)
-10
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
RL = 10k
AV = +1
CL = 4pF
VOUT = 50mVP-P
VS = ±5, ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com