Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70417SEHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL70417SEHF/PROTO
Description  Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70417SEHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL70417SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70417SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ISL70417SEH
FN7962 Rev.5.00
Page 2 of 22
Oct 24, 2019
Ordering Information
ORDERING SMD NUMBER
(Note 2)
PART NUMBER
(Note 1)
TEMPERATURE RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
5962F1222801VXC
ISL70417SEHVF
-55 to +125
14 Ld Flatpack
K14.A
N/A
ISL70417SEHF/PROTO (Note 3)
-55 to +125
14 Ld Flatpack
K14.A
5962F1222801V9AX
ISL70417SEHVX
-55 to +125
DIE
N/A
ISL70417SEHX/SAMPLE (Note 3)
+25
DIE
N/A
ISL70417SEHEVAL1Z (Note 4)Evaluation Board
NOTES:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
3. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD at +25°C only. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types
do not come with a Certificate of Conformance because they are not DLA qualified devices.
4. Evaluation board uses the /PROTO parts and /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com