Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71840SEHF/PROTO Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL71840SEHF/PROTO
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71840SEHF/PROTO Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71840SEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL71840SEH
FN8734 Rev.5.01
Page 21 of 27
Oct 24, 2022
FIGURE 66. tENABLE SHIFT vs LDR RADIATION
FIGURE 67. tDISABLE SHIFT vs LDR RADIATION
Post Low Dose Rate Radiation Characteristics (V± = ±15V) Unless otherwise
specified, V± = ±15V, VCM =0, VO = 0V, TA = +25°C. This data is typical mean test data post radiation exposure at a low dose rate of <10mrad(Si)/s. This
data is intended to show typical parameter shifts due to low dose rate radiation. These are not limits, nor are they guaranteed. (Continued)
-10
-5
0
5
10
15
20
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
0
50
100
150
200
250
300
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
Post Low Dose Rate Radiation Characteristics (V± = ±12V) Unless otherwise
specified, V± = ±12V, VCM =0,VO = 0V, TA = +25°C. This data is typical mean test data post radiation exposure at a low dose rate of <10mrad(Si)/s. This
data is intended to show typical parameter shifts due to low dose rate radiation. These are not limits, nor are they guaranteed.
FIGURE 68. ICC SUPPLY CURRENT SHIFT vs LDR RADIATION
FIGURE 69. IEE SUPPLY CURRENT SHIFT vs LDR RADIATION
FIGURE 70. IREF SUPPLY CURRENT SHIFT vs LDR RADIATION
FIGURE 71. rDS(ON) SHIFT (VIN = V+) vs LDR RADIATION
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
-5
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
LOW DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com