Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71840SEHF/PROTO Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL71840SEHF/PROTO
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71840SEHF/PROTO Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL71840SEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL71840SEHF/PROTO Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ISL71840SEH
FN8734 Rev.5.01
Page 27 of 27
Oct 24, 2022
Package Outline Drawing
For the most recent package outline drawing, see K28.A.
Ceramic Metal Seal Flatpack Packages (Flatpack)
NOTES:
1. Index area: A notch or a pin one identification mark shall be located
adjacent to pin one and shall be located within the shaded area
shown. The manufacturer’s identification shall not be used as a pin
one identification mark. Alternately, a tab (dimension k) may be
used to identify pin one.
2. If a pin one identification mark is used in addition to a tab, the limits
of dimension k do not apply.
3. This dimension allows for off-center lid, meniscus and glass over-
run.
4. Dimensions b1 and c1 apply to lead base metal only. Dimension M
applies to lead plating and finish thickness. The maximum limits of
lead dimensions b and c or M shall be measured at the centroid of
the finished lead surfaces, when solder dip or tin plate lead finish is
applied.
5. N is the maximum number of terminal positions.
6. Measure dimension S1 at all four corners.
7. For bottom-brazed lead packages, no organic or polymeric materi-
als shall be molded to the bottom of the package to cover the leads.
8. Dimension Q shall be measured at the point of exit (beyond the me-
niscus) of the lead from the body. Dimension Q minimum shall be
reduced by 0.0015 inch (0.038mm) maximum when solder dip lead
finish is applied.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.
-D-
-C-
0.004
H A - B
M
D
S
S
-A-
-B-
0.036
H A - B
M
D
S
S
e
E
A
Q
L
D
A
E1
SEATING AND
L
E2
E3
E3
BASE PLANE
-H-
b
C
S1
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
PIN NO. 1
ID AREA
A
M
K28.A MIL-STD-1835 CDFP3-F28 (F-11A, CONFIGURATION B)
28 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.045
0.115
1.14
2.92
-
b
0.015
0.022
0.38
0.56
-
b1
0.015
0.019
0.38
0.48
-
c
0.004
0.009
0.10
0.23
-
c1
0.004
0.006
0.10
0.15
-
D
-
0.740
-
18.80
3
E
0.460
0.520
11.68
13.21
-
E1
-
0.550
-
13.97
3
E2
0.180
-
4.57
-
-
E3
0.030
-
0.76
-
7
e
0.050 BSC
1.27 BSC
-
k
0.008
0.015
0.20
0.38
2
L
0.250
0.370
6.35
9.40
-
Q
0.026
0.045
0.66
1.14
8
S1
0.00
-
0.00
-
6
M
-
0.0015
-
0.04
-
N28
28
-
Rev. 0 5/18/94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com