Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3V3AP2WF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D3V3AP2WF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3AP2WF Datasheet(HTML) 2 Page - Diodes Incorporated

  D3V3AP2WF Datasheet HTML 1Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 2Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 3Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 4Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D3V3AP2WF
Document number: DS42473 Rev. 1 - 2
2 of 5
www.diodes.com
December 2019
© Diodes Incorporated
D3V3AP2WF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation (Note 5) 10/1000µs
8/20µs
PPK
225
1125
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 6)
IFSM
35
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
DC Steady-State Power Dissipation (Note 7)
PD
1.0
W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
330
°C/W
Thermal Resistance, Junction to Soldering Point (Note 8)
RθJS
70
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Part Number
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT (Note 9)
Test
Current
Maximum
Reverse
Leakage
@ VRWM
Maximum
Clamping
Voltage @ IPP
Maximum Peak
Pulse Current
(Note 5)
Marking
Code
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (µA)
VC (V)
IPP (A)
D3V3AP2WF-7
3.3
5.2
6.0
10
1000
8.0
28.2
P2A
Notes:
5. Non-Repetitive current pulse as shown in Figure 2.
6. 1/2 sine wave (or equivalent square wave), pulse width = 8.3ms, duty cycle = 4 pulses/minute maximum.
7. Device mounted on 1"
 1", FR-4 PCB; 2 oz. Cu pad layout.
8. Theoretical RJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction.
9. VBR measured at pulse test current IT with tp 5.0ms at TA = +25°C.
0
25
50
75
100
125
150
175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
0
1
2
3
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 2 Pulse Waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com