Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3V3AP2WF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D3V3AP2WF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3AP2WF Datasheet(HTML) 3 Page - Diodes Incorporated

  D3V3AP2WF Datasheet HTML 1Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 2Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 3Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 4Page - Diodes Incorporated D3V3AP2WF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D3V3AP2WF
Document number: DS42473 Rev. 1 - 2
3 of 5
www.diodes.com
December 2019
© Diodes Incorporated
D3V3AP2WF
0
0.2
0.4
0.6
0
25
50
75
100
125
150
T , TERMINAL TEMPERATURE ( C)
Fig. 5 Steady State Power Derating Curve
T
°
1.0
0.8
1.2
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
R, REVERSE VOLTAGE (V)
TT, TERMINAL TEMPERATURE (C)
Fig. 3 Steady State Power Derating Curve
Fig. 4 Capacitance vs. VR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com