Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPMGS-20 Datasheet(PDF) 4 Page - Recom International Power

Part # RPMGS-20
Description  20 Amp 16th Brick Open Frame Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPMGS-20 Datasheet(HTML) 4 Page - Recom International Power

  RPMGS-20 Datasheet HTML 1Page - Recom International Power RPMGS-20 Datasheet HTML 2Page - Recom International Power RPMGS-20 Datasheet HTML 3Page - Recom International Power RPMGS-20 Datasheet HTML 4Page - Recom International Power RPMGS-20 Datasheet HTML 5Page - Recom International Power RPMGS-20 Datasheet HTML 6Page - Recom International Power RPMGS-20 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.recom-power.com
REV.: 0/2022
RPMGS-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPMGS-20
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% max.
Line Regulation
low line to high line, full load
0.5% typ. / ±1.0% max.
Load Regulation
0% to 100% load
0.5% typ. / ±1.0% max.
Transient Response
5% - 100%
RPMGS5.0-20
VIN= 24VDC
40mV typ.
VIN= 48VDC
70mV typ.
VIN= 60VDC
90mV typ.
5% - 100%
RPMGS12-20
VIN= 24VDC
50mV typ.
VIN= 48VDC
95mV typ.
VIN= 60VDC
110mV typ.
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
hiccup mode, auto recovery
RPMGS5.0-20
22.1A
RPMGS12-20
20.6A
Short Circuit Input Current
VIN= 24VDC
30mA typ.
VIN= 48VDC
18mA typ.
Over Current Protection (OCP)
hiccup mode, auto recovery
RPMGS5.0-20
22.1A
RPMGS12-20
20.6A
Over Temperature Protection (OTP)
measured on IC
160°C, auto restart after cool down
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
RoHS 2+
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment - emission requirements
with external components
(see filter suggestions below)
EN55032, Class A and B
EMC filtering suggestion according to EN55032
L2
L1
+Vin
-Vin
RPMGSx-20
+V
out
+V
in
-V
out
-V
in
C3
C1
C2
C4
COUT
+Vout
-Vout
Component List Class A
C1
C2
C3
C4
L1
L2
COUT
2x 330µF
3x 22µF
10µF
1000µF
56µH
10µH
>=1000uF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com