Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPMGS-20 Datasheet(PDF) 1 Page - Recom International Power

Part # RPMGS-20
Description  20 Amp 16th Brick Open Frame Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPMGS-20 Datasheet(HTML) 1 Page - Recom International Power

  RPMGS-20 Datasheet HTML 1Page - Recom International Power RPMGS-20 Datasheet HTML 2Page - Recom International Power RPMGS-20 Datasheet HTML 3Page - Recom International Power RPMGS-20 Datasheet HTML 4Page - Recom International Power RPMGS-20 Datasheet HTML 5Page - Recom International Power RPMGS-20 Datasheet HTML 6Page - Recom International Power RPMGS-20 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.recom-power.com
REV.: 0/2022
RPMGS-1
RPMGS-20
DC/DC Converter
Features
Switching
Regulator
• 20A non isolated sixteenth brick
• 18 to 75VDC wide input range
• 3.3 to 24VDC adjustable output
• Standard sixteenth brick wide format
• High efficiency up to 98%
• Operating temperature derates to 120°C
Description
The RPMGS-20 series is a non-isolated 20A DC/DC converter in a sixteenth brick package. The high
efficiency and thermal design of the product means that minimal derating is required, even at high
temperatures. The device is exceptionally suited for 24V, 28V, and 48V power rails as a point of load
solution in a distributed power architecture. Trimmable output, remote sense, and remote control
features as well as undervoltage lockout, overload, over-temperature, and short circuit protections are
standard.
20 Amp
16th Brick
Open Frame
Single Output
Notes:
Note1: Measured Values are with C
IN= 880µF + COUT= 4000µF
Model Numbering
Selection Guide
Part
Input Voltage
Output
Vout
Output
Efficiency Max. Capacitive
Number
Range (1)
Voltage
Adjust Range
Current max.
typ.
Load
[VDC]
[VDC]
[VDC]
[A]
[%]
[µF]
RPMGS5.0-20
18-75
5
3.3 - 8
20
91 - 94
15000
RPMGS12-20
18-75
12
8 - 24
20
95 - 97
12000
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitor
Input Voltage Range
18VDC
75VDC
Absolute Maximum Input Voltage
80VDC
Undervoltage Lockout (UVLO)
DC-DC ON
DC-DC OFF
16.5VDC
14.0VDC
Input Current
RPMGS5.0-20
2.3A
RPMGS12-20
5.2A
Quiescent Current (no load)
30mA
No Load Power Consumption
VIN= 24VDC
720mW
VIN= 48VDC
1440mW
VIN= 60VDC
1800mW
Internal Power Dissipation
10W
continued on next page
max. Output Current
Sixteenth Brick
nom. Output Voltage
RPMGS __-20
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS
RoHS 22++
compliant
compliant
10 from 10
10 from 10
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
REACH
compliant
compliant
3


Similar Part No. - RPMGS-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RPMG0024 MACOM-RPMG0024 Datasheet
95Kb / 2P
Accessories PCB Relay Card Relay E
RPMG0024 MACOM-RPMG0024 Datasheet
114Kb / 2P
Accessories Miniature PCB Relay RYII
RPMG0024 MACOM-RPMG0024 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
RPMG0110 MACOM-RPMG0110 Datasheet
95Kb / 2P
Accessories PCB Relay Card Relay E
RPMG0110 MACOM-RPMG0110 Datasheet
114Kb / 2P
Accessories Miniature PCB Relay RYII
More results

Similar Description - RPMGS-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
40Watts Open Frame Single Output
logo
Astec America, Inc
ALD12 ASTEC-ALD12 Datasheet
592Kb / 20P
Single Output 16th Brick: 60Watts
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
Single Output 8th Brick: Open-Frame Module
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
1/16th Brick IBC Series
logo
Recom International Pow...
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
3.3 VDC / 25 A Output / 16th Brick Converter
logo
Recom International Pow...
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com