Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8167 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8167
Description  RS232/422 Low Cap, #24-7pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8167 Datasheet(HTML) 1 Page - Belden Inc.

  8167 Datasheet HTML 1Page - Belden Inc. 8167 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8167
RS232/422 Low Cap, #24-7pr, FPO, Indiv.& O/A Foils+Braid, PVC Jkt, CM,
100Ω
Product Description
Computer EIA RS-232/422, Digital Audio Cable, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, 7 twisted pairs individually Beldfoil®
shielded + overall 100% Beldfoil® + tinned copper braid shield (65% coverage), drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Extended Distance & RS-422 Applications; Computer Communications; Low Voltage Analog signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Digital
Audio; Panel Wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
7
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Pair(s)
PE - Polyethylene (Foam) 0.019 in (0.48 mm) Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC each pair, Z-Fold® Foil-in
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 0.446 in (11.3 mm)
Overall Cable Diameter
(Nominal):
0.446 in (11.3 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
24 Ohm/1000ft (79
Ohm/km)
12.5 pF/ft (41.0 pF/m)
22 pF/ft (72 pF/m)
100 Ohm
78%
1.6 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CM), 300 V (UL AWM 2493)
Mechanical Characteristics


Similar Part No. - 8167

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8167 SONARDYNE-8167 Datasheet
103Kb / 2P
Wideband Nano Responder
logo
Micronetics, Inc.
8167 MICRONETICS-8167 Datasheet
56Kb / 2P
CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
NTE Electronics
8167 NTE-8167 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Keystone Electronics Co...
8167 KEYSTONE-8167 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
METZ CONNECT GmbH
816718-0101-I METZ-816718-0101-I Datasheet
2Mb / 9P
E-DAT C6 1 port UP0
2022/07/11 Version: AI
More results

Similar Description - 8167

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8162 BELDEN-8162 Datasheet
199Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8166 BELDEN-8166 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8164 BELDEN-8164 Datasheet
206Kb / 2P
RS232/422 Low Cap, #24-4pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8165 BELDEN-8165 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-5pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM, 100Ω
05-05-2023
8168 BELDEN-8168 Datasheet
153Kb / 2P
RS232/422 Low Cap, #24-8pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM, 100Ω
01-20-2023
8170 BELDEN-8170 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-10pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8175 BELDEN-8175 Datasheet
169Kb / 2P
RS232/422 Low Cap, #24-15pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
8178 BELDEN-8178 Datasheet
168Kb / 2P
RS232/422 Low Cap, #24-18pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
8185 BELDEN-8185 Datasheet
151Kb / 2P
RS232/422 Low Cap, #24-25pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
05-05-2023
8163 BELDEN-8163 Datasheet
203Kb / 2P
RS-232/422 Low Cap, #24-3pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com