Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # STSS
Description  SMD 4 mm Sealed Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STSS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  STSS Datasheet HTML 1Page - Bourns Electronic Solutions STSS Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
STSS SMD 4 mm Sealed Tact Switch
Electrical Characteristics
Electrical Life
..........................................100,000 cycles
Rating ..................................DC 12 V 50 mA
Contact Resistance ......100 milliohms max.
Insulation Resistance
..................100 megohms, DC 100 V min.
Dielectric Strength ....100 V AC for 1 minute
Contact Arrangement ........1 pole 1 position
Environmental Characteristics
Operation Force........................220 g ±65 g
Stroke
................................0.2 + 0.10/- 0.05 mm
Operating Temperature ....-25 °C to +70 °C
Storage Temperature ........-30 °C to +80 °C
Vibration Test........................Mil-STD-202F,
Method 201A
Frequency ..............10-55-10 Hz/1 minute
Directions ................X,Y,Z, three mutually
perpendicular directions
Time ......................2 hours each direction
Shock Test ..........................MIL-STD-202F,
Method 213B, Condition A
Gravity ..........50 G (peak value), 11 msec
Direction & Times....................6 sides and
3 times in each direction
Physical Characteristics
Cover Materials
..........................................Stainless Steel
Base Materials
........LCP high temp. thermoplastic, white
Actuator Materials
........LCP high temp. thermoplastic, black
Contact Disc Materials
....................Stainless with silver cladding
Terminal Materials
............................Brass with silver plated
Tape ..................................................Teflon
Hand Soldering Process
..............Use a soldering iron of 30 watts,
controlled at 320 °C (608 °F)
for approximately 2 seconds while
applying solder
Reflow Soldering Process
..............When applying reflow soldering,
the peak temperature or the reflow oven
should be set to 240 °C
Packaging ..................3,500 pieces per reel
1.80 ± 0.10
(.071 ± .004)
3.90 ± 0.10
(.154 ± .004)
4.80 +0.20/-0.30
(.189 +.008/-.012
0.65 +0/-0.10
(.026 +0/-.004)
DIA.
0.06
(.002)
0.10
(.004)
1.50 +0.15/-0.10
(.059 +.006/-.004)
2.10
(.083)
1.00
(.039)
1.40 ± 0.10
(.055 ± .004)
2.90 ± 0.10
(.114 ± .004)
3.55
(1.40)
0.80 ± 0.10
(.03 ± .004)
0.50
(.020)
1.20
(.047)
1.70
(.067)
2.60
(.102)
4.60
(.181)
3.20
(.126)
5.00
(.197)
1.70
(.067)
1.80
(.071)
2.40
(.094)
3.60
(.142)
0.80 +0.10/-0
(.028 +.004/0)
DIA. 2 PLCS.
How to Order
STSS - 32 - TR
Model
Terminal
Embossed Tape
TR = 3500 Pcs./180 mm Reel
DIMENSIONS ARE:
MM
(INCHES)
Product Dimensions
Features
■
Available sharp click feel with a positive
tactile feedback
■
Ultra-miniature and lightweight structure
suitable for high density mounting
■
Insert molding in the contact with special
■
Economical with high reliability
treatment prevents flux buildup during
■
RoHS compliant*
soldering and permits autodipping
Circuit Diagram
12
Recommended PCB Layout
Reflow Soldering Profile
Time (Seconds)
275
30-40 Sec.
120 °C
225
175
125
75
25
0
20
40
60
80
100 120 140 160 180 200
80-90 Sec.
10-15
Sec.
35-60
Sec.
180 °C
240 °C
Model STSS is currently available,
although not recommended for new
designs.


Similar Part No. - STSS

ManufacturerPart #DatasheetDescription
logo
Metcal
STSS-TEMPLATE METCAL-STSS-TEMPLATE Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
ALPS ELECTRIC CO.,LTD.
STSSS2221 ALPS-STSSS2221 Datasheet
519Kb / 7P
ALPS EUROPE DISTRIBUTION
More results

Similar Description - STSS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STXW BOURNS-STXW Datasheet
232Kb / 2P
Sealed Tact Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
logo
ITT Industries
KSA ITT-KSA Datasheet
253Kb / 5P
Sealed Tact Switch
logo
Bourns Electronic Solut...
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
logo
C&K Components
KSA0M211 CK-COMPONENTS-KSA0M211 Datasheet
254Kb / 5P
Sealed Tact Switch
KSC921GLFS CK-COMPONENTS-KSC921GLFS Datasheet
484Kb / 4P
SMD Sealed Tact Switch for Adjustable Height
logo
Bourns Electronic Solut...
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
logo
List of Unclassifed Man...
TSKA-2SLNB ETC2-TSKA-2SLNB Datasheet
594Kb / 1P
SMD Tact Switch
logo
C&K Components
KSA CK-COMPONENTS-KSA_V01 Datasheet
482Kb / 5P
Sealed Tact Switch
2021
KSAKSL CK-COMPONENTS-KSAKSL Datasheet
481Kb / 5P
Sealed Tact Switch
15 Oct 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com