Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # STSS
Description  SMD 4 mm Sealed Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STSS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  STSS Datasheet HTML 1Page - Bourns Electronic Solutions STSS Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STSS SMD 4 mm Sealed Tact Switch
02/06
8.00
(.315)
0.35 ± 0.05
(.014 ± .002)
2.00
(.079)
0.5
(.020)
4.00
(.158)
4.00
(.158)
2.50
(.098)
2.40
(.094)
1.75
(.069)
5.50 ± 0.1
(.217 ± .004)
12.0 ± 0.30
(.472 ± .012)
4.20
(.165)
3 °
1.50 +0.10/-0
(.059 ± .004)
DIA.
DIA.
1.80
(.071)
2.40
(.094)
5.20
(.205)
Packaging Dimensions
Reliable Electronic Solutions
Asia-Pacific:
TEL +886-2 25624117
FAX +886-2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
The Americas:
TEL +1-951 781-5500
FAX +1-951 781-5700
www.bourns.com
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com