Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XQB Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PDTC124XQB
Description  50 V, 100 mA PNP resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XQB Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PDTC124XQB Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Nexperia
PDTA143X/123J/143Z/114Y/124XQB
series
50 V, 100 mA PNP resistor-equipped transistors
8. Limiting values
Table 6. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-50
V
VCEO
collector-emitter voltage
open base
-
-50
V
emitter-base voltage
PDTA143XQB
-
-7
V
PDTA123JQB
-
-5
V
PDTA143ZQB
-
-5
V
PDTA114YQB
-
-6
V
VEBO
PDTA124XQB
open collector
-
-7
V
input voltage
PDTA143XQB
-30
+7
V
PDTA123JQB
-12
+5
V
PDTA143ZQB
-30
+5
V
PDTA114YQB
-40
+6
V
VI
PDTA124XQB
-40
+7
V
IO
output current
-
-100
mA
[1] -
340
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
420
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit-Board (PCB); single-sided; 35 µm copper; tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB; single-sided; 70 µm copper; tin-plated and standard footprint.
Tamb (°C)
-75
175
125
25
75
-25
aaa-030584
200
300
100
400
500
Ptot
(mW)
0
(1)
(2)
(1) FR4 PCB; single-sided; 70 µm copper; standard footprint
(2) FR4 PCB; single-sided; 35 µm copper; standard footprint
Fig. 1. Power derating curves
PDTA143X_TO_124XQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 28 September 2021
3 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com