Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XQB Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTC124XQB
Description  50 V, 100 mA PNP resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XQB Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTC124XQB Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTC124XQB Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Nexperia
PDTA143X/123J/143Z/114Y/124XQB
series
50 V, 100 mA PNP resistor-equipped transistors
aaa-021342
IC (mA)
-10-1
-102
-10
-1
-10-1
-1
VCEsat
(V)
-10-2
(1)
(3)
(2)
IC/IB = 10
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 30. PDTA124XQB: Collector-emitter saturation
voltage as a function of collector current;
typical values
IC (mA)
-10-1
-102
-10
-1
aaa-021340
-10
-1
-102
VI(on)
(V)
-10-1
(1)
(2)
(3)
VCE = -0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 31. PDTA124XQB: On-state input voltage as a
function of collector current; typical values
IC (mA)
-10-1
-10
-1
aaa-021341
-1
-10
VI(off)
(V)
-10-1
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 32. PDTA124XQB: Off-state input voltage as a
function of collector current; typical values
VCB (V)
0
-50
-40
-20
-30
-10
aaa-021343
2
1
3
4
Cc
(pF)
0
f = 1 MHz
Tamb = 25 °C
Fig. 33. PDTA124XQB: Collector capacitance as a
function of collector-base voltage; typical
values
PDTA143X_TO_124XQB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 28 September 2021
13 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com