Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72028SEHF/PROTO Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL72028SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028SEHF/PROTO Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL72028SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN8764 Rev 3.00
Page 1 of 18
August 16, 2016
FN8764
Rev 3.00
August 16, 2016
ISL72028SEH
3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split
Termination Output
DATASHEET
The Intersil ISL72028SEH is a radiation tolerant 3.3V CAN
transceiver that is compatible with the ISO11898-2 standard for
applications calling for Controller Area Network (CAN) serial
communication in satellites and aerospace communications, and
telemetry data processing in harsh industrial environments.
The transceiver can transmit and receive at bus speeds up to
5Mbps. It can drive a 40m cable at 1Mbps per the ISO11898-2
specification. The device is designed to operate over a common-
mode range of -7V to +12V with a maximum of 120 nodes. The
device has three discrete selectable driver rise/fall time options, a
low power shutdown mode and a split termination output.
Receiver (Rx) inputs feature a “full fail-safe” design, which
ensures a logic high Rx output if the Rx inputs are floating,
shorted, or terminated but undriven.
The ISL72028SEH is available in an 8 Ld hermetic ceramic
flatpack and die form that operate across the temperature range
of -55°C to +125°C. The logic inputs are tolerant with 5V
systems.
Other CAN transceivers available are the ISL72026SEH and
ISL72027SEH. For a list of differences see Table 1 on page 2.
Related Literature
• UG051, “ISL7202xSEHEVAL1Z Evaluation Board User Guide”
• TR018, “Single Event Effects (SEE) Testing of the ISL72027SEH
CAN Transceiver”
• TR022, “Total Dose Testing of the ISL72026SEH, ISL72027SEH
and ISL72028SEH CAN Transceivers”
Features
• Electrically screened to SMD 5962-15228
• ESD protection on all pins. . . . . . . . . . . . . . . . . . . . . . 4kV HBM
• Compatible with ISO11898-2
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
• Bus pin fault protection to ±20V
• Undervoltage lockout
• Cold spare: powered down devices/nodes will not affect
active devices operating in parallel
• Three selectable driver rise and fall times
• Glitch free bus I/O during power-up and power-down
• Full fail-safe (open, short, terminated/undriven) receiver
• Hi Z input allows for 120 nodes on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 5Mbps
• Quiescent supply current . . . . . . . . . . . . . . . . . . . . 7mA (max)
• Low power shutdown mode . . . . . . . . . . . . . . . . . .50µA (max)
• -7V to +12V common-mode input voltage range
• 5V tolerant logic inputs
•Thermal shutdown
• Acceptance tested to 75krad(Si) (LDR) wafer-by-wafer
• Radiation tolerance
- SEL/B immune to LET 60MeV•cm2/mg
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . .75krad(Si)
Applications
• Satellites and aerospace communications
• Telemetry data processing
• High-end industrial environments
• Harsh environments
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. FAST DRIVER AND RECEIVER WAVEFORMS
1
2
3
4
8
7
6
5
RS
CANH
CANL
VREF
D
GND
VCC
R
Tx DATA IN
Rx DATA OUT
CANH
CANL
ISL72028SEH
0.1µF
VCC
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = GND, RDIFF = 60Ω
CANH - CANL
R
D


Similar Part No. - ISL72028SEHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
ISL72028SEHEVAL1Z INTERSIL-ISL72028SEHEVAL1Z Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
ISL72028SEHVF INTERSIL-ISL72028SEHVF Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
ISL72028SEHVX INTERSIL-ISL72028SEHVX Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
More results

Similar Description - ISL72028SEHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G_07 Datasheet
471Kb / 26P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.1, Aug. 2007
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
ISL72028BSEH RENESAS-ISL72028BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
November 30, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com