Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72028SEHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL72028SEHF/PROTO
Description  3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72028SEHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL72028SEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL72028SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL72028SEH
FN8764 Rev 3.00
Page 2 of 18
August 16, 2016
Pin Configuration
ISL72028SEH
(8 LD CERAMIC FLATPACK)
TOP VIEW
Ordering Information
ORDERING/SMD
NUMBER (Note 1)
PART NUMBER
(Note 2)
TEMPERATURE RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG DWG #
5962L1522803VXC
ISL72028SEHVF
-55 to +125
8 Ld Ceramic Flat Pack
K8.A
N/A
ISL72028SEHF/PROTO
-55 to +125
8 Ld Ceramic Flat Pack
K8.A
5962L1522803V9A
ISL72028SEHVX
-55 to +125
Die
N/A
ISL72028SEHX/SAMPLE
-55 to +125
Die
N/A
ISL72028SEHEVAL1Z
Evaluation Board
NOTES:
1. Specifications for radiation tolerant QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed
in the Ordering Information table must be used when ordering.
2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
TABLE 1. ISL7202xSEH PRODUCT FAMILY FEATURES TABLE
SPEC
ISL72026SEH
ISL72027SEH
ISL72028SEH
Loopback Feature
Yes
No
No
VREF Output
No
Yes
Yes
Listen Mode
Yes
Yes
No
Shutdown Mode
No
No
Yes
VTHRLM
1150mV (Max)
1150mV (Max)
N/A
VTHFLM
525mV (Min)
525mV (Min)
N/A
VHYSLM
50mV (Min)
50mV (Min)
N/A
Supply Current, Listen Mode
2mA (Max)
2mA (Max)
N/A
Supply Current, Shutdown Mode
N/A
N/A
50µA (Max)
VREF Leakage Current
N/A
±25µA (Max)
±25µA (Max)
N/A: Not Applicable
D
GND
VCC
R
RS
CANH
CANL
VREF
8
7
6
5
2
3
4
1
Note: The package lid is
tied to ground.
Pin Descriptions
PIN # PIN NAME
FUNCTION
1
D
CAN Driver Digital Input. The bus states are LOW = Dominant and HIGH = Recessive. Internally tied HIGH.
2
GND
Ground connection.
3
VCC
System power supply input (3.0V to 3.6V). The typical voltage for the device is 3.3V.
4
R
CAN Data Receiver Output. The bus states are LOW = Dominant and HIGH = Recessive.
8
RS
A resistor to GND from this pin controls the rise and fall time of the CAN output waveform. Drive RS HIGH to put into low power
shutdown.
7
CANH
CAN bus line for low level output
6
CANL
CAN bus line for high level output
5
VREF
VCC/2 reference output for split mode termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com