Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 45 Page - NXP Semiconductors

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button DSP56307/D Datasheet HTML 41Page - NXP Semiconductors DSP56307/D Datasheet HTML 42Page - NXP Semiconductors DSP56307/D Datasheet HTML 43Page - NXP Semiconductors DSP56307/D Datasheet HTML 44Page - NXP Semiconductors DSP56307/D Datasheet HTML 45Page - NXP Semiconductors DSP56307/D Datasheet HTML 46Page - NXP Semiconductors DSP56307/D Datasheet HTML 47Page - NXP Semiconductors DSP56307/D Datasheet HTML 48Page - NXP Semiconductors DSP56307/D Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 156 page
background image
Specifications
PLL Characteristics
MOTOROLA
DSP56307 Technical Data
2-9
PLL CHARACTERISTICS
Table 2-6
PLL Characteristics
Characteristics
100 MHz
Unit
Recommended
Min
Max
VCO frequency when PLL
enabled (MF
× E
f × 2/PDF)
30
200
MHz
PLL external capacitor (PCAP
pin to VCCP) (CPCAP
)
¥
@ MF
≤ 4
¥
@ MF > 4
(MF
× 680) - 120
MF
× 1100
(MF
× 580) − 100
MF
× 830
(MF
× 780) − 140
MF
× 1470
pF
pF
Note:
CPCAP is the value of the PLL capacitor (connected between the PCAP pin and VCCP).
The recommended value in pF for CPCAP can be computed from one of the following
equations: (500
× MF) Ð 150, for MF ≤ 4, or 690 × MF, for MF > 4.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com