Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 78 Page - NXP Semiconductors

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button DSP56307/D Datasheet HTML 74Page - NXP Semiconductors DSP56307/D Datasheet HTML 75Page - NXP Semiconductors DSP56307/D Datasheet HTML 76Page - NXP Semiconductors DSP56307/D Datasheet HTML 77Page - NXP Semiconductors DSP56307/D Datasheet HTML 78Page - NXP Semiconductors DSP56307/D Datasheet HTML 79Page - NXP Semiconductors DSP56307/D Datasheet HTML 80Page - NXP Semiconductors DSP56307/D Datasheet HTML 81Page - NXP Semiconductors DSP56307/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 156 page
background image
2-42
DSP56307 Technical Data
MOTOROLA
Specifications
External Memory Interface (Port A)
171 Row address valid to RAS
assertion
tASR
6.25
× T
C − 4.0
90.7
Ñ
74.1
Ñ
58.5
Ñ
ns
172 RAS assertion to row address
not valid
tRAH
2.75
× T
C − 4.0
37.7
Ñ
30.4
Ñ
23.5
Ñ
ns
173 Column address valid to CAS
assertion
tASC
0.75
× T
C − 4.0
7.4
Ñ
5.4
Ñ
3.5
Ñ
ns
174 CAS assertion to column
address not valid
tCAH
6.25
× T
C − 4.0
90.7
Ñ
74.1
Ñ
58.5
Ñ
ns
175 RAS assertion to column
address not valid
tAR
9.75
× T
C − 4.0
143.7
Ñ
117.9
Ñ
93.5
Ñ
ns
176 Column address valid to RAS
deassertion
tRAL
7
× T
C − 4.0
102.1
Ñ
83.5
Ñ
66.0
Ñ
ns
177 WR deassertion to CAS
assertion
tRCS
5
× T
C − 3.8
72.0
Ñ
58.7
Ñ
46.2
Ñ
ns
178 CAS deassertion to WR
assertion4
tRCH
1.75
× T
C − 3.7
22.8
Ñ
18.2
Ñ
13.8
Ñ
ns
179 RAS deassertion to WR
assertion4
tRRH
66 MHz
:
0.25
× T
C − 3.7
80 MHz
:
0.25
× T
C − 3.0
100 MHz
:
0.25
× T
C − 2.4
0.1
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
0.1
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
0.1
Ñ
Ñ
Ñ
ns
ns
ns
180 CAS assertion to WR
deassertion
tWCH
6
× T
C − 4.2
86.7
Ñ
70.8
Ñ
55.8
Ñ
ns
181 RAS assertion to WR
deassertion
tWCR
9.5
× T
C − 4.2
139.7
Ñ
114.6
Ñ
90.8
Ñ
ns
182 WR assertion pulse width
tWP
15.5
× T
C − 4.5
230.3
Ñ
189.3
Ñ
150.5
Ñ
ns
183 WR assertion to RAS
deassertion
tRWL
15.75
× T
C − 4.3 234.3
Ñ
192.6
Ñ
153.2
Ñ
ns
184 WR assertion to CAS
deassertion
tCWL
66Ð80 MHz:
14.25
× T
C − 4.3
100 MHz:
14.75
× T
C − 4.3
211.6
Ñ
Ñ
Ñ
180.1
Ñ
Ñ
Ñ
Ñ
143.2
Ñ
Ñ
ns
ns
185 Data valid to CAS assertion
(write)
tDS
8.75
× T
C − 4.0
128.6
Ñ
105.4
Ñ
83.5
Ñ
ns
186 CAS assertion to data not
valid (write)
tDH
6.25
× T
C − 4.0
90.7
Ñ
74.1
Ñ
58.5
Ñ
ns
Table 2-16
DRAM Out-of-Page and Refresh Timings, Fifteen Wait States1, 2 (Continued)
No.
Characteristics3
Symbol
Expression
66 MHz
80 MHz
100 MHz
Unit
Min Max Min Max Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com