Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1192139 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1192139
Description  NBC-M12MSD/ 2,0-93F/R4AC - Network cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1192139 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1192139 Datasheet HTML 1Page - PHOENIX CONTACT 1192139 Datasheet HTML 2Page - PHOENIX CONTACT 1192139 Datasheet HTML 3Page - PHOENIX CONTACT 1192139 Datasheet HTML 4Page - PHOENIX CONTACT 1192139 Datasheet HTML 5Page - PHOENIX CONTACT 1192139 Datasheet HTML 6Page - PHOENIX CONTACT 1192139 Datasheet HTML 7Page - PHOENIX CONTACT 1192139 Datasheet HTML 8Page - PHOENIX CONTACT 1192139 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Ethernet CAT5e (100 Mbps), 4-position, shielded, Plug straight M12 / IP65,
coding: D, on Plug straight RJ45 / IP20, cable length: 2 m
Commercial Data
Item number
1192139
Packing unit
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF15
Product Key
BF1IHC
GTIN
4063151319533
Weight per Piece (including packing)
132.7 g
Weight per Piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
NBC-M12MSD/ 2,0-93F/R4AC - Network cable
1192139
https://www.phoenixcontact.com/us/products/1192139
May 12, 2023, 7:04 AM
Page 1 (9)


Similar Part No. - 1192139

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1192130 PHOENIX-1192130 Datasheet
369Kb / 9P
NBC-M12MS/ 2,0-94L - Network cable
1192131 PHOENIX-1192131 Datasheet
449Kb / 10P
NBC-M12MRD/ 2,0-93F/R4AC - Network cable
1192132 PHOENIX-1192132 Datasheet
449Kb / 10P
NBC-M12MRD/ 0,5-93F/R4AC - Network cable
1192133 PHOENIX-1192133 Datasheet
447Kb / 9P
NBC-M12MSD/40,0-93F/R4AC - Network cable
1192135 PHOENIX-1192135 Datasheet
450Kb / 10P
Network cable - NBC-M12MSD/20,0-93F/R4AC
More results

Similar Description - 1192139

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1192135 PHOENIX-1192135 Datasheet
450Kb / 10P
Network cable - NBC-M12MSD/20,0-93F/R4AC
1192154 PHOENIX-1192154 Datasheet
353Kb / 8P
Network cable - NBC-M12MSD/ 2,0-93F/M12MSD
1192140 PHOENIX-1192140 Datasheet
447Kb / 9P
NBC-M12MSD/ 0,5-93F/R4AC - Network cable
1192131 PHOENIX-1192131 Datasheet
449Kb / 10P
NBC-M12MRD/ 2,0-93F/R4AC - Network cable
1192136 PHOENIX-1192136 Datasheet
447Kb / 9P
NBC-M12MSD/15,0-93F/R4AC - Network cable
1192137 PHOENIX-1192137 Datasheet
447Kb / 9P
NBC-M12MSD/10,0-93F/R4AC - Network cable
1192174 PHOENIX-1192174 Datasheet
351Kb / 8P
NBC-M12MSD/ 2,0-93F - Network cable
1192133 PHOENIX-1192133 Datasheet
447Kb / 9P
NBC-M12MSD/40,0-93F/R4AC - Network cable
1192145 PHOENIX-1192145 Datasheet
434Kb / 9P
NBC-M12MSD/ 2,0-93F/M12FSD - Network cable
1201762 PHOENIX-1201762 Datasheet
447Kb / 9P
NBC-M12MSD-R4AC/93F/... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com