Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1192139 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1192139
Description  NBC-M12MSD/ 2,0-93F/R4AC - Network cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1192139 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1192139 Datasheet HTML 1Page - PHOENIX CONTACT 1192139 Datasheet HTML 2Page - PHOENIX CONTACT 1192139 Datasheet HTML 3Page - PHOENIX CONTACT 1192139 Datasheet HTML 4Page - PHOENIX CONTACT 1192139 Datasheet HTML 5Page - PHOENIX CONTACT 1192139 Datasheet HTML 6Page - PHOENIX CONTACT 1192139 Datasheet HTML 7Page - PHOENIX CONTACT 1192139 Datasheet HTML 8Page - PHOENIX CONTACT 1192139 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical Data
Product properties
Product type
Data cable preassembled
Number of positions
4
Application
Standard, U.S. cables
Shielded
yes
Coding
D
Interfaces
Bus system
Ethernet
Signal type/category
Ethernet CAT5e, 100 Mbps
Signaling
Status display
No
Status display present
No
Electrical properties
48 V AC
Nominal voltage UN
60 V DC ()
4 A (Plug/socket in accordance with IEC 61076-2-101, cable
technical data is to be observed)
Nominal current IN
1.5 A (RJ45)
Transmission medium
Copper
Material specifications
Color Handle area
black
Connector
Connection 1
Type
Plug straight M12 / IP65
Coding type
D (Data)
CuSn (Contact)
Ni/Au (Contact surface)
PA (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Zinc die-cast, nickel-plated (Screw connection)
Material
FKM (Seal)
Degree of protection
IP65
Connection 2
Type
Plug straight RJ45 / IP20
Number of positions
4 (8)
CuSn (Contact)
NBC-M12MSD/ 2,0-93F/R4AC - Network cable
1192139
https://www.phoenixcontact.com/us/products/1192139
May 12, 2023, 7:04 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com