Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CES2321 Datasheet(PDF) 4 Page - CET-MOS Technology Corp.

Part # CES2321
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CES2321 Datasheet(HTML) 4 Page - CET-MOS Technology Corp.

  CES2321 Datasheet HTML 1Page - CET-MOS Technology Corp. CES2321 Datasheet HTML 2Page - CET-MOS Technology Corp. CES2321 Datasheet HTML 3Page - CET-MOS Technology Corp. CES2321 Datasheet HTML 4Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CES2321
4
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
-VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (sec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
-4
10
1
10
2
10
0
10
-1
10
-2
10
-3
10
-3
PDM
t1
t2
1. RθJA (t)=r (t) * RθJA
2. RθJA=See Datasheet
3. TJM-TA = P* RθJA (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
0.01
10
-1
10
-2
0.02
0.05
0.1
0.2
D=0.5
5
4
3
2
1
0
0
2.5
5
7.5
10
VDS=-10V
ID=-3.8A
10
1
10
0
10
-1
10
1
10
0
10
-1
10
-2
10
2
10
2
1s
100ms
10ms
DC
1ms
RDS(ON)Limit
Single Pulse
TA=25 C
TJ=150 C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com