Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CES2321 Datasheet(PDF) 1 Page - CET-MOS Technology Corp.

Part # CES2321
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CES2321 Datasheet(HTML) 1 Page - CET-MOS Technology Corp.

  CES2321 Datasheet HTML 1Page - CET-MOS Technology Corp. CES2321 Datasheet HTML 2Page - CET-MOS Technology Corp. CES2321 Datasheet HTML 3Page - CET-MOS Technology Corp. CES2321 Datasheet HTML 4Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P-Channel Enhancement Mode Field Effect Transistor
CES2321
FEATURES
-20V, -3.8A, RDS(ON) = 55mΩ @VGS = -4.5V.
RDS(ON) = 62mΩ @VGS = -2.5V.
High dense cell design for extremely low RDS(ON).
Rugged and reliable.
SOT-23 package.
ABSOLUTE MAXIMUM RATINGS TA = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation
VDS
VGS
ID
PD
IDM
-20
1.25
-15.2
-3.8
±12
V
W
A
A
V
1
S
G
D
G
D
S
SOT-23
Lead free product is acquired.
http://www.cet-mos.com
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient b
Parameter
Symbol
Limit
Units
C/W
100
RθJA
Details are subject to change without notice .
Rev 4. 2012.Jan


Similar Part No. - CES2321

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
CES2321 VBSEMI-CES2321 Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Chino-Excel Technology
CES2321A CET-CES2321A Datasheet
371Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CES2321A CET-MOS-CES2321A Datasheet
620Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
Rev 4. 2014.May
CES2321B CET-MOS-CES2321B Datasheet
438Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2021.May
More results

Similar Description - CES2321

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com