Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS70
Description  General-purpose Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS70 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS70 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAS70
General-purpose Schottky diode
1 October 2022
Product data sheet
1. General description
General-purpose Schottky diode in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD)
plastic package.
2. Features and benefits
• High switching speed
• Low leakage current
• High breakdown voltage
• Low capacitance
3. Applications
• Ultra high-speed switching
• Voltage clamping
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
70
mA
VF
forward voltage
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
410
mV
VR
reverse voltage
Tj = 25 °C
-
-
70
V
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A
anode
2
n.c.
not connected
3
K
cathode
1
2
3
SOT23
006aaa436
A
K
n.c.


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
1PS79SB70-Q NEXPERIA-1PS79SB70-Q Datasheet
185Kb / 8P
General-purpose Schottky diode
19 January 2023
BAS70W-Q NEXPERIA-BAS70W-Q Datasheet
197Kb / 8P
General-purpose Schottky diode
19 January 2023
BAT32ALS-Q NEXPERIA-BAT32ALS-Q Datasheet
194Kb / 8P
General-purpose Schottky diode
4 August 2022
BAS70-Q NEXPERIA-BAS70-Q Datasheet
197Kb / 8P
General-purpose Schottky diode
2 December 2021
BAS70H-Q NEXPERIA-BAS70H-Q Datasheet
184Kb / 8P
General-purpose Schottky diode
6 January 2022
1PS79SB70 NEXPERIA-1PS79SB70 Datasheet
186Kb / 8P
General-purpose Schottky diode
19 January 2023
BAS40H NEXPERIA-BAS40H Datasheet
177Kb / 8P
General-purpose Schottky diode
2 March 2023
BAS70H NEXPERIA-BAS70H Datasheet
872Kb / 8P
General-purpose Schottky diode
1 January 2023
BAT42LS NEXPERIA-BAT42LS Datasheet
196Kb / 8P
General-purpose Schottky diode
6 April 2022
BAS70LS NEXPERIA-BAS70LS Datasheet
222Kb / 10P
General-purpose Schottky diode
25 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com