Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS70
Description  General-purpose Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS70 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS70 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS70 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAS70
General-purpose Schottky diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS70
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAS70
73%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
70
V
IF
forward current
-
70
mA
IFRM
repetitive peak forward
current
tp ≤ 1 s; δ ≤ 0.5
-
70
mA
IFSM
non-repetitive peak
forward current
tp ≤ 10 ms; Tj(init) = 25 °C
-
100
mA
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
500
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
BAS70
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com