Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D12V0HA1U2SLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D12V0HA1U2SLP
Description  1 CHANNEL UNIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D12V0HA1U2SLP Datasheet(HTML) 1 Page - Diodes Incorporated

  D12V0HA1U2SLP Datasheet HTML 1Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 2Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 3Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 4Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D12V0HA1U2SLP
Document number: DS42052 Rev. 2 - 2
1 of 5
www.diodes.com
November 2020
© Diodes Incorporated
D12V0HA1U2SLP
1 CHANNEL UNIDIRECTIONAL TVS
Product Summary
VBR (Min)
IPP (Max)
CT (Typ)
13.5V
30A
140pF
Description
This new generation TVS is designed to protect sensitive electronics
from the damage due to ESD and surge. The combination of small size
and high ESD surge capability makes it ideal for use in portable
applications such as cellular phones, digital cameras, and MP3 players.
Applications
Cellular Handsets
Portable Electronics
Computers and Peripheral
Features
Low Profile Package (0.5mm Max) and Ultra-Small PCB Footprint
Area (1.1mm × 0.7mm Max) Suitable for Compact Portable
Electronics
One Channel of ESD and Surge Protection
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
Provides Surge and Lightning Protection per IEC 61000-4-5
Standard: IPP Max 30A
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Plated over Copper Leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Packaging
D12V0HA1U2SLP-7B
Standard
2S
7
8
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
e3
Pin 2
Pin 1
Device Schematic
Bottom View
X1-DFN1006-2 (Type SA)
2S = Product Type Marking Code
Bar Denotes Pin 1 or Cathode Side
2S
Pin1
Pin2
X1-DFN1006-2 (Type SA)


Similar Part No. - D12V0HA1U2SLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D12V0HA1U2LP DIODES-D12V0HA1U2LP Datasheet
306Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
September 2019 Rev. 2 - 2
D12V0HA1U2LP-7B DIODES-D12V0HA1U2LP-7B Datasheet
306Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
September 2019 Rev. 2 - 2
D12V0HA1U2LPQ DIODES-D12V0HA1U2LPQ Datasheet
393Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
November 2022 Rev. 1 - 2
D12V0HA1U2LPQ-7B DIODES-D12V0HA1U2LPQ-7B Datasheet
393Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
November 2022 Rev. 1 - 2
More results

Similar Description - D12V0HA1U2SLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D12V0H1U2LP DIODES-D12V0H1U2LP Datasheet
306Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 2
D12V0H1U2WS DIODES-D12V0H1U2WS Datasheet
187Kb / 4P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D15V0H1U2LP DIODES-D15V0H1U2LP Datasheet
371Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D6V3E1U2LP DIODES-D6V3E1U2LP Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D7V0H1U2LP DIODES-D7V0H1U2LP Datasheet
294Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D5V0S1U2WS DIODES-D5V0S1U2WS Datasheet
320Kb / 4P
1 CHANNEL UNIDIRECTIONAL TVS
December 2015
D6V3H1U2LP4 DIODES-D6V3H1U2LP4 Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
October 2018 Rev. 1 - 2
D6V3M1U2LP3 DIODES-D6V3M1U2LP3 Datasheet
411Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
June 2021 Rev. 1 - 2
D12V0H1U2WSQ DIODES-D12V0H1U2WSQ Datasheet
349Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D12V0HA1U2LPQ DIODES-D12V0HA1U2LPQ Datasheet
393Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
November 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com