Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D12V0HA1U2SLP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D12V0HA1U2SLP
Description  1 CHANNEL UNIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D12V0HA1U2SLP Datasheet(HTML) 2 Page - Diodes Incorporated

  D12V0HA1U2SLP Datasheet HTML 1Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 2Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 3Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 4Page - Diodes Incorporated D12V0HA1U2SLP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D12V0HA1U2SLP
Document number: DS42052 Rev. 2 - 2
2 of 5
www.diodes.com
November 2020
© Diodes Incorporated
D12V0HA1U2SLP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
630
W
8/20µs, per Figure 3
Peak Pulse Current
IPP
30
A
8/20µs, per Figure 3
ESD Protection
—Contact Discharge
VESD_CONTACT
±30
kV
IEC 61000-4-2 Standard
ESD Protection
—Air Discharge
VESD_AIR
±30
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RϴJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
12.0
V
Reverse Current (Note 6)
IR
0.02
0.1
µA
VR = VRWM
Reverse Breakdown Voltage
VBR
13.5
16.5
V
IR = 1mA
Reverse Clamping Voltage (Note 7)
VCL
15.0
V
IPP = 1A, tP = 8/20μs
17.0
IPP = 10A, tP = 8/20μs
21.0
IPP = 30A, tP = 8/20μs
ESD Clamping Voltage (Note 8)
VC
15.3
V
IPP = 4A, tP = 10/100ns
16.1
IPP = 16A, tP = 10/100ns
Capacitance
CT
140
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on
Diodes Incorporated’s suggested pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.
7. Clamping voltage value is based on an 8
μs x 20μs peak pulse current (IPP) waveform.
8. Transmission Line Pulse Test (TLP) settings: tP = 100ns, tR = 10ns, ITLP and VTLP averaging window is from 70ns to 90ns.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com