Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KO103C Datasheet(PDF) 4 Page - E-SWITCH

Part # KO103C
Description  KEYLOCK SWITCHES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO103C Datasheet(HTML) 4 Page - E-SWITCH

  KO103C Datasheet HTML 1Page - E-SWITCH KO103C Datasheet HTML 2Page - E-SWITCH KO103C Datasheet HTML 3Page - E-SWITCH KO103C Datasheet HTML 4Page - E-SWITCH KO103C Datasheet HTML 5Page - E-SWITCH KO103C Datasheet HTML 6Page - E-SWITCH KO103C Datasheet HTML 7Page - E-SWITCH KO103C Datasheet HTML 8Page - E-SWITCH KO103C Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SERIES KO SWITCHES
197
KEYLOCK SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
• Zinc alloy die cast housing and
cylinder, chrome plated
• Steel made tubular keys, nickel plated
• Silver plated contacts and terminals
• 50,000 combinations available
SPECIFICATIONS
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 m
Ω max. initial @ 2-4 VDC,
100 mA
Insulation Resistance:
200 M
Ω min.
Dielectric Strength:
1,500 V rms @ sea level
• Zinc alloy die cast housing and
cylinder, chrome plated
• Steel made tubular keys, nickel
plated
• Silver plated contacts and ter-
minals
• 50,000 combinations available
SPECIFICATIONS
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 m
Ω max. initial @ 2-4 VDC,
100 mA
Insulation Resistance:
200 M
Ω min.
Dielectric Strength:
1,500 V rms @ sea level
KO 113
KO 114
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO113A
OFF
1-2
Pos. 1
KO113B
OFF
1-2
Pos. 1, Pos. 2
KO113C
OFF
1-2
Pos. 1
1
2
90 indexing
90 indexing
90 indexing
1
2
1
2
= Detent Position
= Keypull Possible
= Momentary
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Pos. 4
Key Pull
Possible
KO114A
Pos. 1, Pos. 2, Pos. 3
KO114B
KO114C
KO114D
45 -90 indexing
90 indexing
45 indexing
45 -45 indexing
1
2
1-2
OFF
3-4
OFF
1-2
3-4
1-2
3-4
OFF
1-2, 3-4
Pos. 1, Pos. 2, Pos. 4
Pos. 2, Pos. 4
Pos. 2, Pos. 3
1
2
3
1
2
4
2
3
= Detent Position
= Keypull Possible
= Momentary
PP 194-210 Keylock.qxd
5/8/02
10:51 AM
Page 197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com