Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KO103C Datasheet(PDF) 1 Page - E-SWITCH

Part # KO103C
Description  KEYLOCK SWITCHES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO103C Datasheet(HTML) 1 Page - E-SWITCH

  KO103C Datasheet HTML 1Page - E-SWITCH KO103C Datasheet HTML 2Page - E-SWITCH KO103C Datasheet HTML 3Page - E-SWITCH KO103C Datasheet HTML 4Page - E-SWITCH KO103C Datasheet HTML 5Page - E-SWITCH KO103C Datasheet HTML 6Page - E-SWITCH KO103C Datasheet HTML 7Page - E-SWITCH KO103C Datasheet HTML 8Page - E-SWITCH KO103C Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KEYLOCK SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
Series
Model No.
KO
KO
HOW TO ORDER
SERIES KO SWITCHES
SPECIFICATIONS
Contact Rating:
As per individual model number
Initial Contact Resistance:
10 m
Ω Max.
Insulation Resistance:
As per individual model number
Dielectric Strength:
As per individual model number
MATERIALS
Housing and Cylinder:
Die cast zinc alloy. Finish dependent
upon individual model number
Contact:
Silver plated copper alloy
Keys:
As per individual model number
KO
103B
EXAMPLE
KO 103
• Zinc alloy die cast housing and
cylinder, chrome plated
• Zinc alloy keys, chrome plated
• Silver plated contacts and termi-
nals
• 200 combinations available
SPECIFICATIONS
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 m
Ω max. initial @ 2-4
VDC, 100 mA
Insulation Resistance:
200 M
Ω min.
Dielectric Strength:
1,500 V rms @ sea level
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO103A
OFF
1-2
Pos. 1
KO103B
OFF
1-2
Pos. 1, Pos. 2
KO103C
1-2
3-4
Pos. 1
KO103D
1-2
3-4
Pos. 1, Pos. 2
KO103E
OFF
1-2
Pos. 1
1
2
90 indexing
90 indexing
90 indexing
90 indexing
90 indexing
1
2
1
2
1
2
1
2
= Detent Position
= Keypull Possible
= Momentary
194
PP 194-210 Keylock.qxd
5/8/02
10:50 AM
Page 194


Similar Part No. - KO103C

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO103C E-SWITCH-KO103C Datasheet
1Mb / 12P
KEYLOCK SWITCHES
KO103C E-SWITCH-KO103C Datasheet
3Mb / 12P
KEYLOCK SWITCHES
KO103C-701 E-SWITCH-KO103C-701 Datasheet
69Kb / 1P
KEYLOCK SWITCHES
More results

Similar Description - KO103C

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KO103E-701 E-SWITCH-KO103E-701 Datasheet
34Kb / 1P
KEYLOCK SWITCHES
KO113C-10001 E-SWITCH-KO113C-10001 Datasheet
32Kb / 1P
KEYLOCK SWITCHES
KO119A-7315 E-SWITCH-KO119A-7315 Datasheet
66Kb / 1P
KEYLOCK SWITCHES
KO119A-7321 E-SWITCH-KO119A-7321 Datasheet
66Kb / 1P
KEYLOCK SWITCHES
KO128B-2007 E-SWITCH-KO128B-2007 Datasheet
52Kb / 1P
KEYLOCK SWITCHES
KO129A-A126 E-SWITCH-KO129A-A126 Datasheet
69Kb / 1P
KEYLOCK SWITCHES
KO130K E-SWITCH-KO130K Datasheet
70Kb / 1P
KEYLOCK SWITCHES
KO130V-A126 E-SWITCH-KO130V-A126 Datasheet
42Kb / 1P
KEYLOCK SWITCHES
KO130B-A126 E-SWITCH-KO130B-A126 Datasheet
43Kb / 1P
KEYLOCK SWITCHES
KO130Z4A126 E-SWITCH-KO130Z4A126 Datasheet
87Kb / 1P
KEYLOCK SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com