Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R90 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-R90
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R90 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-R90 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R90 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R90 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R90 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■
Radial Leaded Devices
■
Cured, flame retardant epoxy polymer
insulating material meets UL 94V-0
requirements
■
RoHS compliant*
■
Lead free
■
Agency recognition:
Applications
Almost anywhere there is a load to be
protected with a voltage supply of up to
90 V, including:
■
Broadband cable power passing taps
■
Set-top boxes
One Hour
Maximum
Nominal
Ihold
Itrip
Initial
Post-Trip
Time
Tripped
Resistance
Resistance
To Trip
Power
Values
Standard Trip
Dissipation
V max.
I max.
Amps
Amps
Ohms
Ohms
Amps
Seconds
Watts
Model
Volts
Amps
at 23
°°C
at 23
°°C
at 23
°°C
at 23
°°C
at 23
°°C
at 23
°°C
at 23
°°C
Hold
Trip
Min.
Max.
Max.
Typ.
MF-R055/90
90
10
0.55
1.1
0.45
0.9
2.0
1.6
60
2.0
MF-R055/90U
90
10
0.55
1.1
0.45
0.9
2.0
1.6
28
2.0
MF-R075/90
90
10
0.75
1.5
0.37
0.75
1.65
2.0
60
2.5
TV Rheinland
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-R/90 Series - PTC Resettable Fuses
Electrical Characteristics
Thermal Derating Chart - Ihold / Itrip (Amps)
Ambient Operating Temperature
Model
-40 °°C
-20 °°C0 °°C
23 °°C
40 °°C
50 °°C
60 °°C
70 °°C
85 °°C
MF-R055/90
0.85 / 1.7
0.75 / 1.5
0.65 / 1.3
0.55 / 1.1
0.45 / 0.9
0.4 / 0.8
0.35 / 0.7
0.3 / 0.6
0.22 / 0.44
MF-R055/90U
0.85 / 1.7
0.75 / 1.5
0.65 / 1.3
0.55 / 1.1
0.45 / 0.9
0.4 / 0.8
0.35 / 0.7
0.3 / 0.6
0.22 / 0.44
MF-R075/90
1.15 / 2.3
1.0 / 2.0
0.9 / 1.8
0.75 / 1.5
0.61 / 1.22
0.55 / 1.1
0.48 / 0.96
0.41 / 0.82
0.30 / 0.6
“U” suffix indicates product without insulation coating.
Operating/Storage Temperature ........................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change
Humidity Aging....................................................+85°C, 85% R.H. 1000 hours......................±5 % typical resistance change
Thermal Shock ....................................................+125 °C to -55 °C, 10 times ........................±10 % typical resistance change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................Verify dimensions and materials..................Per MF physical description
Resistance ..........................................................In still air @ 23 °C ........................................Rmin ≤ R ≤ Rmax
Time to Trip ........................................................At specified current, Vmax, 23 °C ..............T ≤ max. time to trip (seconds)
Hold Current ......................................................30 min. at Ihold............................................No trip
Trip Cycle Life ....................................................Vmax, Imax, 100 cycles ..............................No arcing or burning
Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning
UL File Number ..................................................E 174545S
CSA File Number ................................................CA 110338
TÜV File Number ................................................R2057213
Test Procedures And Requirements For Model MF-R/90 Series
R
1220S
5
0 5


Similar Part No. - MF-R90

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R900 BOURNS-MF-R900 Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-R900 BOURNS-MF-R900 Datasheet
210Kb / 6P
Almost anywhere there is a low voltage power supply and a load to be protected, including
MF-R900 BOURNS-MF-R900 Datasheet
210Kb / 6P
Almost anywhere there is a low voltage power supply and a load to be protected, including
MF-R900 BOURNS-MF-R900 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-R900 BOURNS-MF-R900 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
More results

Similar Description - MF-R90

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com