Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R90 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-R90
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R90 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-R90 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R90 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R90 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R90 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Time to Trip at 23 °°C
Fault Current (Amps)
1
1
0.1
10
100
10
MF-R055/90
MF-R055/90U
MF-R075/90
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
A
B
C (Pitch)
D
E
Physical Characteristics
Model
Max.
Max.
Nom.
Min.
Max.
Style
Lead Dia.
Material
MF-R055/90
10.9
14.0
5.1 ± 0.7
6.3
3.6
1
0.81
Sn/Cu
(0.43)
(0.55)
(0.201 ± 0.028)
(0.248)
(0.142)
(0.032)
MF-R055/90U
10.3
10.3
5.1 ± 0.7
6.3
3.0
1
0.81
Sn/Cu
(0.4)
(0.4)
(0.201 ± 0.028)
(0.248)
(0.118)
(0.032)
MF-R075/90
11.9
15.5
5.1 ± 0.7
6.3
3.6
1
0.81
Sn/Cu
(0.47)
(0.61)
(0.201 ± 0.028)
(0.248)
(0.142)
(0.032)
Product Dimensions
Packaging options:
BULK: 500 pcs. per bag.
TAPE & REEL: 1500 pcs. per reel.
AMMO-PACK: 1000 pcs. per pack
MF-R/90 Series - PTC Resettable Fuses
Additional Features
■
Bulk packaging, tape and reel and Ammo-Pak available on most models
■
Patents pending
MM
(INCHES)
DIMENSIONS =
A
E
B
D
C
Style 1
Typical Part Marking
Represents total content. Layout may vary.
R055
1220S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
LOT NO.
(S = CHINA)
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
How to Order
MF - R 055/90 U - 0
Multifuse®
Product
Designator
Series
R = Radial Leaded
Component
Hold Current, Ihold
055, 075 (0.55 Amps - 0.75 Amps)
Max. Voltage, V
Coating
__ = Coated
U = Uncoated
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel*
- AP = Ammo-Pak*
*Packaged per EIA486-B
MF-R/90, REV. D, 11/04
Also available with straight leads.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com