Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU Datasheet(PDF) 1 Page - AIC tech Inc.

Part # CU
Description  AIC tech Inc. [AICTECH]^1568
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

CU Datasheet(HTML) 1 Page - AIC tech Inc.

  CU Datasheet HTML 1Page - AIC tech Inc. CU Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Environmental code
Plate code
Case height code
Case dia code
Terminal code
Capacitance tolerance code
Capacitance code
Rated voltage code
(Example) CU Series 400V 220
μF ±20%
CU 2G 221 M C Z
WP
S3
EC
Type of
series
CU Series
• Conform RoHS
Features
• CU series has higher ripple current (ave 30%)
compared with HU3 series. These features are
accomplished by new heat radiation.
• The vent is located in the side of the case.
Product Specifications
10
±1
φD±14.0±0.5
L
±2
Snap Lock Terminal
PET Sleeve
Case vent
Plate less
2-claw short terminal (Terminal code : C)
φD±16.3±1L±2
PET Sleeve
(Unit : mim)
(Unit : mim)
Case vent
Plate less
Snap Lock Terminal
BLANK terminals
BLANK terminals
4-claw terminal (Terminal code : S)
Dimensions
Product code
A continuous load should be avoided over 10 Arms at the
terminal in accordance with the permissible current.
Please consult us when the ripple voltage exceeds 70Vp-p .
Ripple current correction coefficient
Temperature (
℃)
60
70
85
105
Correction coefficient
1.9
1.7
1.4
1.0
Frequency (Hz)
120
300
1K
≧10K
Correction coefficient
1.0
1.1
1.3
1.4
Forced wind (m / s)
<0.5
0.5
≦
Correction coefficient
1.0
1.1
Items
Specifications
Temperature range
−25℃∼ +105℃
Rated voltage
400
∼ 500V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.02CV (
μA) or 5mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard product table.
(105℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 105
℃ for 2,000 hours :
Capacitance change : Within
±20% of the initial value measured
Dissipation factor
: 200% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 105
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
Notes to users
The vent position is not fixed.
Please do not set up an obstacle to circumference less than 1mm.
HU3
→
P.124
High-ripple current
CU
Refer to page 118-119 for other terminal shape available on request.


Similar Description - CU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
logo
AZ Displays
AGM2432B-FE-FBH-T AZDISPLAYS-AGM2432B-FE-FBH-T Datasheet
401Kb / 13P
AZ DISPLAYS, INC.
AGM2464DC AZDISPLAYS-AGM2464DC Datasheet
55Kb / 1P
AZ DISPLAYS, INC.
GD-269P AZDISPLAYS-GD-269P Datasheet
70Kb / 1P
AZ DISPLAYS, INC.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
TAI-SAW TECHNOLOGY CO.,...
TA1584A TAI-SAW-TA1584A Datasheet
249Kb / 8P
SAW Filter 1568 MHz
logo
JMK Inc.
MM-1568-70 JMK-MM-1568-70 Datasheet
34Kb / 1P
MM-1568-70
logo
Davicom Semiconductor, ...
DM9051NP DAVICOM-DM9051NP Datasheet
87Kb / 1P
DAVICOM Semiconductor, Inc
logo
Pasternack Enterprises,...
PE33583 PASTERNACK-PE33583 Datasheet
269Kb / 1P
pasternack enterprises, inc.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com