Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU Datasheet(PDF) 2 Page - AIC tech Inc.

Part # CU
Description  AIC tech Inc. [AICTECH]^1568
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

CU Datasheet(HTML) 2 Page - AIC tech Inc.

  CU Datasheet HTML 1Page - AIC tech Inc. CU Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
CU Series
Life time graph
 Useful life depending on ambient temperature Ta
and ripple current operating conditions
Ⅰversus
rated ripple current at 105
℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
2.5
3
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ta= 60
℃
Ta= 70
℃
Ta= 85
℃
Ta= 105
℃
Series
CU
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
220
30
×30
0.20
1.57
320
CU2G221MCZS3WPEC
270
30
×35
0.20
1.79
260
CU2G271MCZS4WPEC
35
×31
0.20
1.85
260
CU2G271MCAS3WPEC
330
30
×40
0.20
2.03
210
CU2G331MCZS5WPEC
35
×36
0.20
2.10
210
CU2G331MCAS4WPEC
390
30
×50
0.20
2.28
190
CU2G391MCZS7WPEC
35
×41
0.20
2.33
190
CU2G391MCAS5WPEC
470
30
×60
0.20
2.57
160
CU2G471MCZS9WPEC
35
×46
0.20
2.61
160
CU2G471MCAS6WPEC
560
35
×51
0.20
2.89
130
CU2G561MCAS7WPEC
40
×40
0.20
2.64
130
CU2G561MSBS5WPEC
680
35
×61
0.20
3.25
110
CU2G681MCAS9WPEC
40
×45
0.20
2.95
110
CU2G681MSBS6WPEC
820
35
×81
0.20
3.62
90
CU2G821MSAS13WPEC
40
×61
0.20
3.35
90
CU2G821MSBS9WPEC
1,200
40
×83
0.20
4.08
90
CU2G122MSBS13WPEC
450
150
30
×30
0.20
1.30
490
CU2W151MCZS3WPEC
180
30
×35
0.20
1.46
420
CU2W181MCZS4WPEC
220
30
×40
0.20
1.66
340
CU2W221MCZS5WPEC
35
×31
0.20
1.67
340
CU2W221MCAS3WPEC
270
35
×36
0.20
1.90
280
CU2W271MCAS4WPEC
330
30
×50
0.20
2.10
230
CU2W331MCZS7WPEC
35
×41
0.20
2.15
230
CU2W331MCAS5WPEC
390
30
×60
0.20
2.34
200
CU2W391MCZS9WPEC
35
×46
0.20
2.37
200
CU2W391MCAS6WPEC
470
35
×51
0.20
2.64
160
CU2W471MCAS7WPEC
40
×40
0.20
2.42
160
CU2W471MSBS5WPEC
560
35
×61
0.20
2.95
140
CU2W561MCAS9WPEC
40
×45
0.20
2.68
140
CU2W561MSBS6WPEC
680
35
×81
0.20
3.30
110
CU2W681MSAS13WPEC
40
×50
0.20
2.98
110
CU2W681MSBS7WPEC
1,000
40
×83
0.20
3.72
90
CU2W102MSBS13WPEC
500
120
30
×30
0.20
1.05
460
CU2H121MCZS3WPEC
150
30
×35
0.20
1.21
460
CU2H151MCZS4WPEC
180
30
×40
0.20
1.36
390
CU2H181MCZS5WPEC
35
×31
0.20
1.40
390
CU2H181MCAS3WPEC
220
30
×50
0.20
1.56
320
CU2H221MCZS7WPEC
35
×36
0.20
1.59
320
CU2H221MCAS4WPEC
270
30
×60
0.20
1.78
260
CU2H271MCZS9WPEC
35
×41
0.20
1.80
260
CU2H271MCAS5WPEC
330
35
×46
0.20
2.03
210
CU2H331MCAS6WPEC
390
35
×51
0.20
2.25
180
CU2H391MCAS7WPEC
470
35
×61
0.20
2.52
160
CU2H471MCAS9WPEC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com