Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCGF5A Datasheet(PDF) 3 Page - AIC tech Inc.

Part # HCGF5A
Description  Useful of 4,000 hours at 85ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HCGF5A Datasheet(HTML) 3 Page - AIC tech Inc.

  HCGF5A Datasheet HTML 1Page - AIC tech Inc. HCGF5A Datasheet HTML 2Page - AIC tech Inc. HCGF5A Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Life time graph
  Useful life depending on ambient temperature Ta and ripple current operating conditionsⅠversus rated ripple current at 40℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 40℃)
Ta=85
℃
Ta=70
℃
Ta=60
℃
Ta=40
℃
Series
HCGF5A
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
40
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
400
330
36
×53
0.20
4.1
428
440
18
HCGF5A2G331
ⅠA053PH
390
36
×83
0.20
5.3
362
372
18
HCGF5A2G391
ⅠA083PH
470
36
×83
0.20
5.8
301
310
18
HCGF5A2G471
ⅠA083PH
560
36
×83
0.20
6.4
253
260
18
HCGF5A2G561
ⅠA083PH
680
36
×100
0.20
7.6
209
214
18
HCGF5A2G681
ⅠA100PH
820
36
×100
0.20
8.3
173
177
18
HCGF5A2G821
ⅠA100PH
1,000
51
×75
0.20
9.4
140
150
21
HCGF5A2G102YC075PH
1,200
51
×75
0.20
10.3
117
125
21
HCGF5A2G122YC075PH
1,500
51
×96
0.20
12.7
100
108
21
HCGF5A2G152YC096PH
1,800
51
×96
0.20
13.9
88
90
21
HCGF5A2G182YC096PH
2,200
51
×130
0.20
17.4
68
75
21
HCGF5A2G222YC130PH
2,700
64
×96
0.20
18.8
59
66
22
HCGF5A2G272YD096PH
3,300
64
×115
0.20
22.2
48
53
22
HCGF5A2G332YD115PH
3,900
64
×130
0.20
25.4
43
48
22
HCGF5A2G392YD130PH
4,700
77
×115
0.20
28.2
36
41
24
HCGF5A2G472YE115PH
5,600
77
×130
0.20
32.2
32
37
24
HCGF5A2G562YE130PH
6,800
77
×155
0.20
38.0
26
30
24
HCGF5A2G682YE155PH
8,200
90
×157
0.20
44.4
22
26
24
HCGF5A2G822YF157PH
10,000
90
×157
0.20
49.4
19
23
24
HCGF5A2G103YF157PH
12,000
90
×196
0.20
59.1
16
21
24
HCGF5A2G123YF196PH
15,000
90
×236
0.20
71.1
15
21
24
HCGF5A2G153YF236PH
450
270
36
×53
0.20
3.7
482
496
18
HCGF5A2W271
ⅠA053PH
330
36
×83
0.20
4.9
395
406
18
HCGF5A2W331
ⅠA083PH
390
36
×83
0.20
5.3
334
343
18
HCGF5A2W391
ⅠA083PH
470
36
×83
0.20
5.8
277
284
18
HCGF5A2W471
ⅠA083PH
560
36
×100
0.20
6.9
232
238
18
HCGF5A2W561
ⅠA100PH
680
36
×100
0.20
7.6
191
196
18
HCGF5A2W681
ⅠA100PH
820
51
×75
0.20
8.6
182
187
21
HCGF5A2W821YC075PH
1,000
51
×75
0.20
9.4
149
154
21
HCGF5A2W102YC075PH
1,200
51
×96
0.20
11.4
124
129
21
HCGF5A2W122YC096PH
1,500
51
×115
0.20
13.7
107
108
21
HCGF5A2W152YC115PH
1,800
51
×130
0.20
15.8
93
100
21
HCGF5A2W182YC130PH
2,200
64
×96
0.20
17.0
77
84
22
HCGF5A2W222YD096PH
2,700
64
×115
0.20
20.2
62
69
22
HCGF5A2W272YD115PH
3,300
64
×130
0.20
23.4
54
61
22
HCGF5A2W332YD130PH
3,900
77
×115
0.20
25.6
46
51
24
HCGF5A2W392YE115PH
4,700
77
×130
0.20
29.4
38
43
24
HCGF5A2W472YE130PH
5,600
77
×155
0.20
34.6
32
37
24
HCGF5A2W562YE155PH
6,800
90
×157
0.20
40.5
28
33
24
HCGF5A2W682YF157PH
8,200
90
×157
0.20
44.6
25
30
24
HCGF5A2W822YF157PH
10,000
90
×196
0.20
53.9
20
25
24
HCGF5A2W103YF196PH
12,000
90
×236
0.20
63.8
16
22
24
HCGF5A2W123YF236PH
HCGF5A Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com